Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N76E616 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # N76E616
Description  Microcontroller
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N76E616 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button N76E616 Datasheet HTML 2Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 3Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 4Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 5Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 6Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 7Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 8Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 9Page - List of Unclassifed Manufacturers N76E616 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 179 page
background image
N76E616 Datasheet
Feb 20, 2016
Page 6 of 179
Rev. 1.01
2. FEATURES
 CPU:
– Fully static design 8-bit high performance 1T 8051-based CMOS microcontroller.
– Instruction set fully compatible with MCS-51.
– 4-priority-level interrupts capability.
– Dual Data Pointers (DPTRs).
 Operating:
– Wide supply voltage from 2.4V to 5.5V.
– Wide operating frequency up to 16 MHz.
– Industrial temperature grade: -40℃ to +105℃.
 Memory:
– Up to 18K Bytes of APROM for User Code.
– Configurable 4K/3K/2K/1K/0K Bytes of LDROM, which provides flexibility to user developed
Boot Code.
– Flash Memory accumulated with pages of 256 Bytes each.
– Built-in In-Application-Programmable (IAP).
– Flash Memory 20,000 writing cycle endurance.
– Code lock for security.
– 256 Bytes on-chip RAM.
– Additional 256 Bytes on-chip auxiliary RAM (XRAM) accessed by MOVX instruction.
– UID (unique code).
 Clock sources:
– 11.059 MHz high-speed internal oscillator trimmed to ±1%, ±5% in all conditions.
– 10 kHz low-speed internal oscillator.
– 2 MHz to 16 MHz high-speed external crystal/resonator.
– 32.768 kHz low-speed external crystal/resonator.
– External clock input.
– On-the-fly clock source switch via software.
– Programmable system clock divider up to 1/512.


Similar Part No. - N76E616

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N76E616 NUVOTON-N76E616 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
N76E616AF44 NUVOTON-N76E616AF44 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
N76E616AL48 NUVOTON-N76E616AL48 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
N76E616AM44 NUVOTON-N76E616AM44 Datasheet
3Mb / 182P
   Nuvoton 1T 8051-based Microcontroller
More results

Similar Description - N76E616

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com