Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINI51ZDE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MINI51ZDE
Description  32-BIT MICROCONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MINI51ZDE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MINI51ZDE Datasheet HTML 3Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 4Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 5Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 6Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 7Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 8Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI51ZDE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 7 of 70
Revision 1.01
1
GENERAL DESCRIPTION
The NuMicro Mini51™ series 32-bit microcontroller is embedded with ARM
® Cortex™-M0 core for
industrial control and applications which require high performance, high integration, and low cost.
The Cortex™-M0 is the newest ARM
® embedded processor with 32-bit performance at a cost
equivalent to the traditional 8-bit microcontroller.
The NuMicro Mini51™ series can run up to 24 MHz and operate at 2.5V ~ 5.5V, -40
~ 105,
and thus can afford to support a variety of industrial control and applications which need high
CPU performance. The NuMicro Mini51™ series offers 4K/8K/16K-bytes embedded program
flash, size configurable data flash (shared with program flash), 2K-byte flash for the ISP, and 2K-
byte SRAM.
Many system level peripheral functions, such as I/O Port, Timer, UART, SPI, I
2C, PWM, ADC,
Watchdog Timer, Analog Comparator and Brown-out Detector, have been incorporated into the
NuMicro Mini51™ series in order to reduce component count, board space and system cost.
These useful functions make the NuMicro Mini51™ series powerful for a wide range of
applications.
Additionally, the NuMicro Mini51™ series is equipped with ISP (In-System Programming) and ICP
(In-Circuit Programming) functions, which allow the user to update the program memory without
removing the chip from the actual end product.


Similar Part No. - MINI51ZDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
MINI51ZDE NUVOTON-MINI51ZDE Datasheet
1Mb / 70P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Similar Description - MINI51ZDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com