Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE8000EM8 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # ACE8000EM8
Description  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000EM8 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button ACE8000EM8 Datasheet HTML 7Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 8Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 9Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 10Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 11Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 12Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 13Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 14Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
4.0 Arithmetic Controller Core
The ACEx microcontroller core is specifically designed for low
cost applications involving bit manipulation, shifting and arith-
metic operations. It is based on a modified Harvard architecture
meaning peripheral, I/O, and RAM locations are addressed sep-
arately from instruction data.
The core differs from the traditional Harvard architecture by
aligning the data and instruction memory sequentially. This
allows the X-pointer (11-bits) to point to any memory location in
either segment of the memory map. This modification improves
the overall code efficiency of the core and takes advantage of
the flexibility found on Von Neumann style machines.
4.1 CPU Registers
The ACEx microcontroller has five general-purpose registers.
These registers are the Accumulator (A), X-Pointer (X), Pro-
gram Counter (PC), Stack Pointer (SP), and Status Register
(SR). The X, SP, and SR registers are all memory-mapped.
Figure 11: Programming Model
8-bit accumulator register
11-bit X pointer register
10-bit program counter
4-bit stack pointer
8-bit status register
NEGATIVE flag
HALF CARRY flag (from bit 3)
CARRY flag (from MSB)
ZERO flag
GLOBAL Interrupt Mask
READY flag (from EEPROM)
A
X
PC
SP
SR
0
0
0
0
N
H
C
Z
G
0
0
R
7
10
9
3


Similar Part No. - ACE8000EM8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Similar Description - ACE8000EM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com