Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1031 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1031
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1031 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC1031 Datasheet HTML 2Page - National Semiconductor (TI) ADC1031 Datasheet HTML 3Page - National Semiconductor (TI) ADC1031 Datasheet HTML 4Page - National Semiconductor (TI) ADC1031 Datasheet HTML 5Page - National Semiconductor (TI) ADC1031 Datasheet HTML 6Page - National Semiconductor (TI) ADC1031 Datasheet HTML 7Page - National Semiconductor (TI) ADC1031 Datasheet HTML 8Page - National Semiconductor (TI) ADC1031 Datasheet HTML 9Page - National Semiconductor (TI) ADC1031 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Test Circuits
t1H t0H
TLH10556 – 6
DO except ‘‘TRI-STATE’’
TLH10556 – 7
Leakage Current
TLH10556 – 8
Timing Diagrams
DO High to Low State
TLH10556 – 9
DO Low to High State
TLH10556 – 10
DO ‘‘TRI-STATE’’ Rise
and Fall Times
TLH10556 – 11
DI Data Input Timing
TLH10556 – 12
DO Data Output Timing
TLH10556 – 13
6


Similar Part No. - ADC1031

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC103 MPSIND-ADC103 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC10321CIVT NSC-ADC10321CIVT Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results

Similar Description - ADC1031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC1038 NSC-ADC1038 Datasheet
551Kb / 13P
   10-Bit Serial I/O A/D Converter with Analog Multiplexer
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com