Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9410BSQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9410BSQ
Description  10-Bit, 210 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410BSQ Datasheet(HTML) 3 Page - Analog Devices

  AD9410BSQ Datasheet HTML 1Page - Analog Devices AD9410BSQ Datasheet HTML 2Page - Analog Devices AD9410BSQ Datasheet HTML 3Page - Analog Devices AD9410BSQ Datasheet HTML 4Page - Analog Devices AD9410BSQ Datasheet HTML 5Page - Analog Devices AD9410BSQ Datasheet HTML 6Page - Analog Devices AD9410BSQ Datasheet HTML 7Page - Analog Devices AD9410BSQ Datasheet HTML 8Page - Analog Devices AD9410BSQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD9410
DIGITAL SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DIGITAL INPUTS
DFS, Input Logic “1” Voltage
Full
IV
4
V
DFS, Input Logic “0” Voltage
Full
IV
1
V
DFS, Input Logic “1” Current
Full
V
50
µA
DFS, Input Logic “0” Current
Full
V
50
µA
I/P Input Logic “1” Current
1
Full
V
400
µA
I/P Input Logic “0” Current
1
Full
V
1
µA
ENCODE,
ENCODE Differential Input Voltage
Full
IV
0.4
V
ENCODE,
ENCODE Differential Input Resistance
Full
V
1.6
k
ENCODE,
ENCODE Common-Mode Input Voltage2
Full
V
1.5
V
DS,
DS Differential Input Voltage
Full
IV
0.4
V
DS,
DS Common-Mode Input Voltage
Full
V
1.5
V
Digital Input Pin Capacitance
25
°CV
3
pF
DIGITAL OUTPUTS
Logic “1” Voltage (VDD = 3.3 V)
Full
VI
VDD – 0.05
V
Logic “0” Voltage (VDD = 3.3 V)
Full
VI
0.05
V
Output Coding
Binary or Two’s Complement
NOTES
1I/P pin Logic “1” = 5 V, Logic “0” = GND. It is recommended to place a series 2.5 k
Ω (±10%) resistor to VDD when setting to Logic “1” to limit input current.
2See Encode Input section in Applications section.
Specifications subject to change without notice.
AC SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Transient Response
25
°CV
2
ns
Overvoltage Recovery Time
25
°CV
2
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
52.5
55
dB
fIN = 82 MHz
25
°C
I
52
54
dB
fIN = 160 MHz
25
°CV
53
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
51
54
dB
fIN = 82 MHz
25
°C
I
50
53
dB
fIN = 160 MHz
25
°CV
52
dB
Effective Number of Bits
fIN = 10.3 MHz
25
°C
I
8.3
8.8
Bits
fIN = 82 MHz
25
°C
I
8.1
8.6
Bits
fIN = 160 MHz
25
°C
V
8.4
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–56
–65
dBc
fIN = 82 MHz
25
°C
I
–55
–63
dBc
fIN = 160 MHz
25
°C
V
–65
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–58
–69
dBc
fIN = 82 MHz
25
°C
I
–57
–67
dBc
fIN = 160 MHz
25
°C
V
–62
dBc
Spurious Free Dynamic Range (SFDR)
fIN = 10.3 MHz
25
°C
I
56
61
dBc
fIN = 82 MHz
25
°C
I
54
60
dBc
fIN = 160 MHz
25
°C
V
58
dBc
Two-Tone Intermod Distortion IMD1
fIN1 = 80.3 MHz, fIN2 = 81.3 MHz
25
°C
V
58
dBFS
NOTES
1IN1, IN2 level = –7 dBFS.
Specifications subject to change without notice.
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS;
Clock input = 210 MSPS; TA = 25 C; unless otherwise noted.)
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS; Clock input = 210 MSPS;
TA = 25 C; unless otherwise noted.)


Similar Part No. - AD9410BSQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410BSVZ AD-AD9410BSVZ Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
More results

Similar Description - AD9410BSQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744 AD-AD9744 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
   10-Bit 210 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com