Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564R60GAS10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 564R60GAS10
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R60GAS10 Datasheet(HTML) 1 Page - Vishay Siliconix

  564R60GAS10 Datasheet HTML 1Page - Vishay Siliconix 564R60GAS10 Datasheet HTML 2Page - Vishay Siliconix 564R60GAS10 Datasheet HTML 3Page - Vishay Siliconix 564R60GAS10 Datasheet HTML 4Page - Vishay Siliconix 564R60GAS10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jul-16
1
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
2 kVDC to 7.5 kVDC
INSULATION RESISTANCE
2 kVDC
min. 10 000 M
Ω
3 kVDC
min. 50 000 M
Ω (1)
6 kVDC
min. 75 000 M
Ω
7.5 kVDC
min. 200 000 M
Ω
Note
(1) Exemption: 565R30GASS33 min. 25 000 M
Ω
TOLERANCE ON CAPACITANCE
± 10 %, ± 20 %, -20 % to +80 %
DISSIPATION FACTOR
Class 1: 0.2 % max. at 1 MHz; 1 V
Class 2: 2.0 % max. at 1 kHz; 1 V
CATEGORY TEMPERATURE RANGE
-25 °C to +85 °C
CLIMATIC CATEGORY ACC. TO EN 60068-1
25/085/21
OPERATING TEMPERATURE RANGE
-25 °C to +105 °C
FEATURES
• Low losses
• High capacitance in small sizes
• High stability
• Radial leads
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Lighting ballasts
•SMPS
• DC and pulse high voltage
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having diameters of 0.025" (0.64 mm) or 0.032"
(0.81 mm).
The capacitors may be supplied with radial kinked or
straight leads having lead spacing of 0.250" (6.35 mm) or
0.375" (9.5 mm) or 0.500" (12.7 mm).
The standard tolerances are ± 10 % or ± 20 %.
Coating is made of resin coating or flame retardant epoxy
resin in accordance with “UL 94 V-0”.
CAPACITANCE RANGE
10 pF to 0.10 μF
RATED VOLTAGE
2 kVDC
3 kVDC
6 kVDC
7.5 kVDC
DIELECTRIC STRENGTH BETWEEN LEADS
Component test:
2 kVDC
3600 VDC, 2 s
3 kVDC
5000 VDC, 2 s
6 kVDC
10 500 VDC, 2 s
7.5 kVDC
11 250 VDC, 2 s
CERAMIC DIELECTRIC
C0G, U2J, R3L (Class 1)
X7R, X5F, X5S, Y5S, Y5U, Y5V, Z5U (Class 2)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic
Dielectric
U2J,
R3L
C0G,
U2J,
R3L
X7R,
Y5S,
Y5U,
Z5U,
Y5V
X5F,
X5R,
X5S,
X7R,
Y5S,
Y5U,
Z5U
X5F,
X5S,
Y5U,
Z5U
X5F,
Y5U,
Z5U
Voltage (VDC)
3000 6000
2000
3000
6000
7500
Min.
Capacitance (pF)
10
10
100
47
100
100
Max.
Capacitance (pF)
33
47
100 000 33 000 10 000 2500
Mounting
Radial


Similar Part No. - 564R60GAS10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R60GAS10 VISHAY-564R60GAS10 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
More results

Similar Description - 564R60GAS10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com