Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564R30GAD15 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 564R30GAD15
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R30GAD15 Datasheet(HTML) 4 Page - Vishay Siliconix

  564R30GAD15 Datasheet HTML 1Page - Vishay Siliconix 564R30GAD15 Datasheet HTML 2Page - Vishay Siliconix 564R30GAD15 Datasheet HTML 3Page - Vishay Siliconix 564R30GAD15 Datasheet HTML 4Page - Vishay Siliconix 564R30GAD15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jul-16
4
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document - find web-link
below.
ORDERING INFORMATION, CERAMIC 6 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
C0G (NP0)
10
± 20
0.400 (10.2)
0.220 (5.6)
0.375 (9.5)
0.122 (3.1)
20
0.032 (0.81)
564R60GAQ10
U2J (N750)
22
± 20
0.460 (11.7)
0.240 (6.1)
0.375 (9.5)
0.142 (3.6)
20
0.032 (0.81)
564R60GAQ22
R3L (N2200)
33
± 20
0.400 (10.2)
0.230 (5.8)
0.375 (9.5)
0.130 (3.3)
20
0.032 (0.81)
564R60GAQ33
47
0.460 (11.7)
0.126 (3.2)
564R60GAQ47
X5F
100
± 20
0.400 (10.2)
0.240 (6.1)
0.375 (9.5)
0.142 (3.6)
20
0.032 (0.81)
564R60GAT10
220
0.265 (6.7)
0.165 (4.2)
564R60GAT22
X5S
330
± 20
0.400 (10.2)
0.260 (6.6)
0.375 (9.5)
0.161 (4.1)
20
0.032 (0.81)
564R60GAT33
Y5U
470
± 20
0.400 (10.2)
0.290 (7.4)
0.375 (9.5)
0.193 (4.9)
20
0.032 (0.81)
564R60GAT47
560
0.240 (6.1)
0.142 (3.6)
564R60GAT56
Z5U
1000
± 20
0.400 (10.2)
0.270 (6.9)
0.375 (9.5)
0.173 (4.4)
20
0.032 (0.81)
564R60GAD10
1500
0.460 (11.7)
0.280 (7.1)
0.157 (4.0)
564R60GAD15
2200
0.530 (13.5)
0.240 (6.1)
0.142 (3.6)
564R60GAD22
3300
0.620 (15.7)
0.260 (6.6)
0.169 (4.3)
564R60GAD33
4700
0.790 (20.0)
0.161 (4.1)
564R60GAD47
0.010 μF
0.950 (24.1)
0.250 (6.4)
0.150 (3.8)
564R60GAS10
ORDERING INFORMATION, CERAMIC 7.5 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
X5F
100
± 20
0.530 (13.5)
0.310 (7.9)
0.500 (12.7)
0.181 (4.6)
20
0.032 (0.81)
564R75GAT10
470
0.620 (15.7)
0.270 (6.9)
0.161 (4.1)
564R75GAT47
Y5U
1000
+ 80 / - 20
0.620 (15.7)
0.320 (8.1)
0.500 (12.7)
0.181 (4.6)
20
0.032 (0.81)
564R75GAD10
Z5U
2500
+ 80 / - 20
0.620 (15.7)
0.280 (7.1)
0.500 (12.7)
0.181 (4.6)
20
0.032 (0.81)
564R75GAD25
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140


Similar Part No. - 564R30GAD15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R30GAD15 VISHAY-564R30GAD15 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
564R30GAD15 VISHAY-564R30GAD15 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
More results

Similar Description - 564R30GAD15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com