Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564R30TSD15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 564R30TSD15
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R30TSD15 Datasheet(HTML) 2 Page - Vishay Siliconix

  564R30TSD15 Datasheet HTML 1Page - Vishay Siliconix 564R30TSD15 Datasheet HTML 2Page - Vishay Siliconix 564R30TSD15 Datasheet HTML 3Page - Vishay Siliconix 564R30TSD15 Datasheet HTML 4Page - Vishay Siliconix 564R30TSD15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jul-16
2
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC 2 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
X7R
100
± 10
0.330 (8.4)
0.190 (4.8)
0.250 (6.4)
0.075 (1.9)
20
0.032 (0.81)
564R20TST10
220
0.180 (4.6)
0.071 (1.8)
564R20TST22
330
0.075 (1.9)
564R20TST33
470
0.170 (4.3)
0.063 (1.6)
564R20TST47
560
0.185 (4.7)
0.087 (2.2)
564R20TST56
680
0.175 (4.4)
0.075 (1.9)
564R20TST68
1000
0.400 (10.2)
0.083 (2.1)
564R20TSD10
1500
0.460 (11.7)
0.160 (4.1)
0.063 (1.6)
564R20TSD15
1800
0.170 (4.3)
0.055 (1.4)
564R20TSD18
2200
0.067 (1.7)
564R20TSD22
3300
0.530 (13.5)
0.063 (1.6)
564R20TSD33
3900
0.680 (17.3)
0.075 (1.9)
564R20TSD39
4700
0.375 (9.5)
0.071 (1.8)
564R20TSD47
Y5S
1000
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
0.067 (1.7)
20
0.032 (0.81)
564R20TSSD10
2200
0.460 (11.7)
0.170 (4.3)
0.071 (1.8)
564R20TSSD22
5600
0.790 (20.0)
0.190 (4.8)
0.375 (9.5)
0.091 (2.3)
564R20TSSD56
Y5U
1000
± 20
0.330 (8.4)
0.170 (4.3)
0.250 (6.4)
0.067 (1.7)
20
0.032 (0.81)
564R20GAD10
1500
0.330 (8.4)
0.170 (4.3)
0.071 (1.8)
564R20GAD15
Z5U
1800
± 20
0.360 (9.1)
0.170 (4.3)
0.250 (6.4)
0.071 (1.8)
20
0.032 (0.81)
564R20GAD18
2200
0.400 (10.2)
0.175 (4.4)
0.075 (1.9)
564R20GAD22
3300
0.430 (10.9)
0.071 (1.8)
564R20GAD33
4700
0.530 (13.5)
0.170 (4.3)
0.075 (1.9)
564R20GAD47
6800
0.560 (14.2)
0.375 (9.5)
0.067 (1.7)
564R20GAD68
Y5V
0.01 μF
± 20
0.620 (15.7)
0.170 (4.3)
0.375 (9.5)
0.067 (1.7)
20
0.032 (0.81)
564R20GASS10
0.05 μF
0.950 (24.1)
0.174 (4.4)
0.067 (1.7)
20
564R20GAS50
0.10 μF
0.950 (24.1)
0.240 (6.1)
0.067 (1.7)
22
0.025 (0.64)
565R20GAP10
T
max.
LS
1.250 min.
(32)
Tinned copper leads
D
max.
LO
Ø


Similar Part No. - 564R30TSD15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R30TSD15 VISHAY-564R30TSD15 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
564R30TSD15 VISHAY-564R30TSD15 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
More results

Similar Description - 564R30TSD15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Revision: 24-Apr-13
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com