Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1511920038 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1511920038
Description  2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 38 Circuits, Low-Halogen
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1511920038 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1511920038 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1511920038
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ Receptacle Housing, Dual Row, 38 Circuits, Low-Halogen
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-151192-0001-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-151192-0001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
151192
Application
Signal, Wire-to-Board
Overview
Milli-Grid™ Connector System
Product Literature Order No
987651-5501
Product Name
Milli-Grid™
UPC
889056795685
Physical
Circuits (maximum)
38
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
Under Evaluation
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
0.877/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +105°C
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-151192-0001
Product Specification
PS-151192-0001-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
151192 Series
Mates With
Milli-Grid™ Header (Low-Halogen) 151117 ,
151118 , 151119 , 151120
Use With
Milli-Grid™ Female Terminal 50394
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1511920038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511920030 MOLEX1-1511920030 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 30 Circuits, Low-Halogen
1511920032 MOLEX1-1511920032 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 32 Circuits, Low-Halogen
1511920034 MOLEX1-1511920034 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 34 Circuits, Low-Halogen
1511920036 MOLEX1-1511920036 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 36 Circuits, Low-Halogen
More results

Similar Description - 1511920038

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511920016 MOLEX1-1511920016 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 16 Circuits, Low-Halogen
1511920020 MOLEX1-1511920020 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 20 Circuits, Low-Halogen
1511920034 MOLEX1-1511920034 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 34 Circuits, Low-Halogen
1511920046 MOLEX1-1511920046 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 46 Circuits, Low-Halogen
1511920050 MOLEX1-1511920050 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 50 Circuits, Low-Halogen
1511920018 MOLEX1-1511920018 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 18 Circuits, Low-Halogen
1511920028 MOLEX1-1511920028 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 28 Circuits, Low-Halogen
1511920036 MOLEX1-1511920036 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 36 Circuits, Low-Halogen
1511920026 MOLEX1-1511920026 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 26 Circuits, Low-Halogen
1511920044 MOLEX1-1511920044 Datasheet
50Kb / 1P
   2.00mm Pitch Milli-Grid Receptacle Housing, Dual Row, 44 Circuits, Low-Halogen
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com