Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP5630CG-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP5630CG-T1-E3
Description  9-Line SCSI Bus Terminators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5630CG-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP5630CG-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIP5630CG-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SiP5630
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73007
S-41263—Rev. A, 05-Ju1-04
SPECIFICATIONS
Limits
Test Conditions Unless Specified
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Symbol
MODE Input
S/E to LVD Threshold
VTH(S/E)
0.5
0.6
0.7
V
LVD to HPD Threshold
VTH(HPD)
1.9
2.1
2.4
V
Input Current
IIN(MODE)
0 Vv VMODE v 5.25 V
−1
0
1
mA
MASTER/SLAVE Input
TERMPWR = 2.7 V
0.8
1.4
1.9
Input Threshold
VTH(M/S)
TERMPWR = 3.3 V
1
1.7
2.3
V
p
TH(M/S)
TERMPWR = 5.25 V
1.5
2.6
3.7
Input Current
IIN(M/S)
0 Vv VM/S v TERMPWR
−1
0
1
mA
STATUS Output Pins (LVD, S/E and HPD)
Source Current
ISO(STAT)
TERMPWR = 2.7 V, VPIN = 2.4 V
−10
−5
mA
Sink Current
ISI(STAT)
VPIN = 0.4 V
3
6
mA
THERMAL Shutdown
Shutdown Temperatured
TOFF
Rising Temperature
160
_C
Hysteresisd
THYS
10
_C
TERMPWR Supply
LVD Mode
IDD(LVD)
MODE = 1.3 V, Channels Unloaded
20
30
S/E Mode
IDD(S/E)
MODE = 0 V, Channels Unloaded
10
20
mA
HPD Mode
IDD(HPD)
MODE = 3 V
10
20
Disabled Mode
IDD(DIS)
DISABLE = 3 V
500
1000
mA
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
MODE = 3 V and/or DISABLE = 3 V and/or TERMPWR = 0 V.
d.
Guaranteed by design, not subject to production test.
e.
VCM applied simultaneously to Line PLUS and Line MINUS pins of all SCSI channels T1-T9.
f.
VCM applied simultaneously to Line MINUS pins of all SCSI channels T1-T9.


Similar Part No. - SIP5630CG-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668CS VISHAY-SIP5668CS Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668CS-TR-E3 VISHAY-SIP5668CS-TR-E3 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5678CS-TR-E3 VISHAY-SIP5678CS-TR-E3 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
More results

Similar Description - SIP5630CG-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
logo
Microsemi Corporation
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
   9 - LINE LVD SCSI TERMINATO
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com