Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W567S260 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # W567S260
Description  8-CHANNEL SPEECHMELODY PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W567S260 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button W567S260 Datasheet HTML 5Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 6Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 7Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 8Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 9Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 10Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 11Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 12Page - List of Unclassifed Manufacturers W567S260 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W567SXXX
Publication Release Date: May 2010
- 11 -
Revision A18
6.4 W567S301/S341 with ADC Application
W567S301
|
W567S341
VDD
DAC0
DAC1
4.7uF
BP00
|
BP07
BP10
|
BP17
BP20
|
BP27
IP00
IP01
IP02
IP03
IP04
|
IP07
VDD
Battery
+
Speaker1
8050
ROSC
OSC
/RESET
0.1uF
Reset
Switch
X32I
X32O
32K
0.1uF
VDDOSC
10
VDDA
22uF
AVDD
VSS
VSSOSC
VSSA
C
CIN
COUT
VRB
Speaker0
8050
VDD
Notes:
1.
The typical value of Rosc is 150 K
 for 8MHz and 300 K for 4MHz and should be connected to GND (V
SS).
2.
Please refer to design guide to get typical Rosc value for each part number.
3.
For W567S301~S341, VSSA and VSSOSC should be connected to VSS; and VDDA and VDDOSC should be
connected to VDD in PCB layout.
4.
For W567S301~S341, VDDA must still be connect to VDD to keep normal standby current, if don’t need ADC module
application.
5.
The Rs value is suggested in 270
 ~ 1K to limit too large DAC output current flowing into transistor.
6.
The 10
 and 0.1F between V
DD, VDDOSC and GND are optional to filter power noise.
7.
The capacitor, 4.7
F, shunts between V
DD and GND is necessary as power stability. But the value of capacitor is
depend on the application.
8.
The above application circuits are for reference only. No warranty for mass production.


Similar Part No. - W567S260

ManufacturerPart #DatasheetDescription
logo
Winbond
W567S260 WINBOND-W567S260 Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567S260 NUVOTON-W567S260 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S260

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com