Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

103P104X0600S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 103P104X0600S
Description  Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

103P104X0600S Datasheet(HTML) 1 Page - Vishay Siliconix

  103P104X0600S Datasheet HTML 1Page - Vishay Siliconix 103P104X0600S Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 42032
Revision 17-Nov-03
www.vishay.com
96
Type 103P
Vishay Sprague
For technical questions, contact spresale@vishay.com
Paper Capacitors
Metal Case, Film/Foil, 10 Ampere
Thru-Pass, Subminiature
FEATURES
• Bulkhead mounting
• Excellent RFI specifications
• Hermetically encased
• Low inductance connection
• Low insertion loss
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 125°C.
Capacitance Range: 0.001µF to 1.0µF.
Capacitance Tolerance: ± 20%, ± 10%.
Voltage Rating: 200 WVDC to 600 WVDC.
Current Rating: 10 ampere maximum.
Dissipation Factor: 1.0% maximum.
DC Resistance: 0.01 ohm maximum.
Voltage Test: 200% of rated voltage for 1 minute.
Insulation Resistance: At + 25°C: 20,000 Megohm -
Microfarads or 30,000 Megohm minimum. At + 85°C:
200 Megohm - Microfarads or 300 Megohm minimum.
DC Life Test: 140% of rated voltage for 250 hours
@ + 125°C. No open or short circuits. No visible damage.
Maximum ∆ Cap.: ± 5%. Minimum I.R. = 30% of initial
limit. Maximum D.F. = 1.5%.
Moisture Resistance: MIL-STD-202, Method 106E,
10 cycles. No visible damage. Maximum ∆ Cap.: ± 5%.
Minimum I.R. = 30% of initial limit. Maximum D.F. = 1.5%.
Thermal Shock and Immersion Cycling: No visible
damage. Maximum ∆ Cap.: ± 5%. Minimum I.R. = 30% of
initial limit. Maximum D.F. = 1.5%.
ENVIRONMENTAL CHARACTERISTICS
Vibration Test (Condition A): No mechanical damage,
short, open or intermittent circuits.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute.
No physical damage.
Lead Bend: After three complete consecutive bends,
no damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
DIMENSIONS in inches [millimeters]
Circuit
Diagram
1.625 + 1.000 - 0.0
[41.28 + 25.40 - 0.0]
0.125
± 0.015
[3.18
± 0.38]
L
± 0.031 [0.79]
External
Toothed
Lockwasher
Pt. No. 2-123
0.040 + 0.004 - 0.001
[1.02 + 0.10 - 0.02]
Dia.
No. 18 AWG
Solid Tinned Leads
0.125 [3.18]
Max.
0.437
± 0.015
[11.10
± 0.38]
Across Flats
D
+ 0.015 [0.38]
- 0.005 [0.130]
Dia.
Nut
5/16 [7.938]
24 UNF-2A
Pt. No. 6-113
Straddle Milled Flats
on Thread for Locking
on Mounting Surface
0.255 [6.48]
0.250 [6.35]
Across Flats
0.312
± 0.031
[7.92
± 0.79]
1.625 + 1.000 - 0.0
[41.28 + 25.40 - 0.0]


Similar Part No. - 103P104X0600S

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
103P EXXELIA-103P Datasheet
947Kb / 6P
   Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
logo
Illinois Capacitor, Inc...
103PPA252KG ILLINOISCAPACITOR-103PPA252KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
103PPA252KG ILLINOISCAPACITOR-103PPA252KG Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
103PPA252KG ILLINOISCAPACITOR-103PPA252KG Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
103PPA302K ILLINOISCAPACITOR-103PPA302K Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
More results

Similar Description - 103P104X0600S

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
103P EXXELIA-103P Datasheet
947Kb / 6P
   Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
List of Unclassifed Man...
K73-11 ETC-K73-11 Datasheet
2Mb / 176P
   FILM AND PAPER-FILM CAPACITORS
logo
Cornell Dubilier Electr...
OTB CDE-OTB Datasheet
338Kb / 3P
   Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
SCR CDE-SCR Datasheet
269Kb / 4P
   Type SCRN Film-Paper/Extended Foil Commutating Capacitor
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com