Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8956 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8956 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8956 Datasheet HTML 6Page - Cirrus Logic WM8956 Datasheet HTML 7Page - Cirrus Logic WM8956 Datasheet HTML 8Page - Cirrus Logic WM8956 Datasheet HTML 9Page - Cirrus Logic WM8956 Datasheet HTML 10Page - Cirrus Logic WM8956 Datasheet HTML 11Page - Cirrus Logic WM8956 Datasheet HTML 12Page - Cirrus Logic WM8956 Datasheet HTML 13Page - Cirrus Logic WM8956 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
10
TYPICAL POWER CONSUMPTION
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.08
1.8
1.8
3
3
0.00
0.00
0.00
0.03
0.10
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.03
0.11
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.03
0.13
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.01
0.02
1.8
1.8
3
3
0.00
0.00
0.00
0.01
0.03
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.01
0.03
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.01
0.04
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.09
1.8
1.8
3
3
0.00
0.00
0.00
0.04
0.11
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.04
0.12
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.04
0.13
OFF, SLEEP MODE
Sleep - Thermal sensors
enabled, VMID enabled using
250k VMID resistors
Off - Thermal sensor disabled,
no clocks
Off - Default state at power up
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
3.15
0.00
1.45
4.89
22.5
1.8
1.8
3
3
3.34
0.00
1.63
5.53
27.5
1.8
3.3
3.3
3.3
3.33
0.01
1.81
6.18
32.4
3.6
3.6
5.5
3.6
7.53
0.00
3.23
6.85
69.5
1.71
1.71
2.7
2.7
3.27
0.00
267
4.93
738.5
1.8
1.8
3
3
3.47
0.00
293
5.58
902.4
1.8
3.3
3.3
3.3
3.47
0.01
321
6.23
1085.6
3.6
3.6
5.5
3.6
8.76
0.01
511
6.54
2868.2
1.71
1.71
2.7
2.7
2.99
0.47
1.47
5.82
25.6
1.8
1.8
3
3
3.16
0.49
1.65
6.57
31.2
1.8
3.3
3.3
3.3
3.16
0.92
1.84
7.34
39.0
3.6
3.6
5.5
3.6
7.95
1.00
3.29
8.12
79.6
1.71
1.71
2.7
2.7
3.15
0.00
0.00
3.75
15.5
1.8
1.8
3
3
3.33
0.00
0.00
4.24
18.7
1.8
3.3
3.3
3.3
3.33
0.01
0.00
4.74
21.7
3.6
3.6
5.5
3.6
8.25
0.00
0.00
5.25
48.6
1.71
1.71
2.7
2.7
3.26
0.00
0.00
38.68
110.0
1.8
1.8
3
3
3.46
0.00
0.00
43.53
136.8
1.8
3.3
3.3
3.3
3.46
0.01
0.00
48.32
165.7
3.6
3.6
5.5
3.6
8.52
0.00
0.00
53.06
221.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
17.44
52.7
1.8
1.8
3
3
3.44
0.00
0.00
17.91
59.9
1.8
3.3
3.3
3.3
3.45
0.01
0.00
18.37
66.9
3.6
3.6
5.5
3.6
8.51
0.00
0.00
18.84
98.5
1.71
1.71
2.7
2.7
3.25
0.00
0.00
5.47
20.3
1.8
1.8
3
3
3.45
0.00
0.00
5.92
24.0
1.8
3.3
3.3
3.3
3.45
0.01
0.00
6.37
27.2
3.6
3.6
5.5
3.6
8.49
0.00
0.00
6.83
55.2
1.71
1.71
2.7
2.7
2.97
0.47
0.00
4.69
18.5
1.8
1.8
3
3
3.14
0.49
0.00
5.29
22.4
1.8
3.3
3.3
3.3
3.14
0.92
0.00
5.91
28.2
3.6
3.6
5.5
3.6
7.91
1.01
0.00
6.55
55.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
3.81
15.9
1.8
1.8
3
3
3.46
0.00
0.00
4.30
19.1
1.8
3.3
3.3
3.3
3.45
0.01
0.00
4.80
22.1
3.6
3.6
5.5
3.6
8.51
0.00
0.00
5.31
49.8
1.71
1.71
2.7
2.7
0.28
0.00
1.47
3.07
12.7
1.8
1.8
3
3
0.30
0.00
1.64
3.48
15.9
1.8
3.3
3.3
3.3
0.30
0.01
1.82
3.91
19.5
3.6
3.6
5.5
3.6
0.76
0.00
3.27
4.35
36.4
1.71
1.71
2.7
2.7
0.00
0.00
0.00
1.84
5.0
1.8
1.8
3
3
0.00
0.00
0.00
2.09
6.3
1.8
3.3
3.3
3.3
0.00
0.00
0.00
2.36
7.8
3.6
3.6
5.5
3.6
0.00
0.00
0.00
2.62
9.5
Bypass Mode - Stereo playback
bypassing ADC and DAC to
16Ohm HP (no signal)
Bypass Mode - Stereo playback
bypassing ADC and DAC to
Class D 8Ohm speaker (no
signal)
Playback Mode - Playback to
10kOhm HP, slave mode (0dB
FS 1kHz signal)
Playback Mode - Playback to
16Ohm HP, master mode, PLL
enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode.
(0.1mW/channel output)
Playback Mode - Playback to
16Ohm HP, slave mode
(5mW/channel output)
Playback Mode - Playback to
8Ohm speakers, slave mode (no
signal)
PLAYBACK MODE
Playback Mode - Playback to
8Ohm speakers, slave mode
(0dB FS 1kHz signal)
Playback Mode - Playback to
8Ohm speakers, master mode,
PLL enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode. No
Signal
Playback Mode - Playback to
16Ohm HP, slave mode (0dB FS
1kHz signal)
Note:
1. Power in the load is included.


Similar Part No. - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/RV WOLFSON-WM8956CGEFL/RV Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/V WOLFSON-WM8956CGEFL/V Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956GEFL WOLFSON-WM8956GEFL Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
More results

Similar Description - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com