Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8956 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8956 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8956 Datasheet HTML 2Page - Cirrus Logic WM8956 Datasheet HTML 3Page - Cirrus Logic WM8956 Datasheet HTML 4Page - Cirrus Logic WM8956 Datasheet HTML 5Page - Cirrus Logic WM8956 Datasheet HTML 6Page - Cirrus Logic WM8956 Datasheet HTML 7Page - Cirrus Logic WM8956 Datasheet HTML 8Page - Cirrus Logic WM8956 Datasheet HTML 9Page - Cirrus Logic WM8956 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
WM8956
Production Data
w
PD, November 2011, Rev 4.1
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, LINPUT3, RINPUT2, RINPUT3)
Full-scale Input Signal Level –
note this changes in proportion
to AVDD
VINFS
L/RINPUT1,2,3
Single-ended
1.0
0
Vrms
dBV
L/RINPUT1,2,3
Differential MIC
0.5
-6
Vrms
dBV
Mic PGA equivalent input noise
0 to 20kHz,
+30dB gain
150
uV
Input resistance
(Note that input boost and
bypass path resistances will be
seen in parallel with PGA input
resistance when these paths are
enabled)
L/RINPUT1
+30dB PGA gain
Differential or single-
ended MIC configuration
3
k
L/RINPUT1
0dB PGA gain
Differential or single-
ended MIC configuration
49
k
L/RINPUT1
-17.25dB PGA gain
Differential or single-
ended MIC configuration
87
k
L/RINPUT2,
L/RINPUT3
(Constant for all gains)
Differential MIC
configuration
85
k
L/RINPUT2,
L/RINPUT3
Max boost gain
L/RINPUT2/3 to boost
7.5
k
L/RINPUT2,
L/RINPUT3
0dB boost gain
L/RINPUT2/3 to boost
13
k
L/RINPUT2,
L/RINPUT3
Min boost gain
L/RINPUT2/3 to boost
37
k
L/RINPUT3
Max bypass gain
L/RINPUT3 to bypass
17
k
L/RINPUT3
Min bypass gain
L/RINPUT3 to bypass
70
k
Input capacitance
10
pF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain Min
-17.25
dB
Programmable Gain Max
30
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
LMIC2B = 0 and
RMIC2B = 0
85
dB
Selectable Input Gain Boost
Gain Boost Steps
Input from PGA
0, 13, 20,
29, MUTE
dB
Input from L/RINPUT2 or
L/RINPUT3
-12, -9, -6,
-3, 0, 3, 6,
MUTE
dB
Headphone Outputs (HP_L, HP_R)
0dB Full scale output voltage
AVDD/3.3
Vrms
Mute attenuation
1kHz, full scale signal
86
dB
Channel Separation
L/RINPUT3 to headphone
outputs via bypass
110
dB


Similar Part No. - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/RV WOLFSON-WM8956CGEFL/RV Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/V WOLFSON-WM8956CGEFL/V Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956GEFL WOLFSON-WM8956GEFL Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
More results

Similar Description - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com