Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8782A Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8782A
Description  24-Bit, 192kHz Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8782A Datasheet(HTML) 3 Page - Cirrus Logic

  WM8782A Datasheet HTML 1Page - Cirrus Logic WM8782A Datasheet HTML 2Page - Cirrus Logic WM8782A Datasheet HTML 3Page - Cirrus Logic WM8782A Datasheet HTML 4Page - Cirrus Logic WM8782A Datasheet HTML 5Page - Cirrus Logic WM8782A Datasheet HTML 6Page - Cirrus Logic WM8782A Datasheet HTML 7Page - Cirrus Logic WM8782A Datasheet HTML 8Page - Cirrus Logic WM8782A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Production Data
WM8782A
w
PD, April 2010, Rev 4.8
3
PIN CONFIGURATION
1
MCLK
2
3
VREFGND
4
5
VREFP
6
7
AVDD
8
AINR
9
AGND
10
AINOPR
AINOPL
COM
AINL
M/S
BCLK
FSAMPEN
IWL
LRCLK
DGND
DOUT
DVDD
VMID
FORMAT
11
12
13
14
15
16
17
20
19
18
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8782ASEDS/V
-40
°C to +85°C
20-lead SSOP
(Pb-free)
MSL2
260oC
WM8782ASEDS/RV
-40
°C to +85°C
20-lead SSOP
(Pb-free, tape and reel)
MSL2
260
oC
Note:
Reel quantity = 2,000


Similar Part No. - WM8782A

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782GEDT WOLFSON-WM8782GEDT Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
WM8782GEDT/R WOLFSON-WM8782GEDT/R Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
WM8782SEDS WOLFSON-WM8782SEDS Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8782A

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com