Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12136A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA12136A
Description  Dolby B-Type Noise Reduction System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12136A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA12136A Datasheet HTML 1Page - Hitachi Semiconductor HA12136A Datasheet HTML 2Page - Hitachi Semiconductor HA12136A Datasheet HTML 3Page - Hitachi Semiconductor HA12136A Datasheet HTML 4Page - Hitachi Semiconductor HA12136A Datasheet HTML 5Page - Hitachi Semiconductor HA12136A Datasheet HTML 6Page - Hitachi Semiconductor HA12136A Datasheet HTML 7Page - Hitachi Semiconductor HA12136A Datasheet HTML 8Page - Hitachi Semiconductor HA12136A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
HA12134A, HA12135A, HA12136A
4
Electrical Characteristics (Ta = 25
°C, V
CC = 12 V, Unless otherwise specified.)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Operating voltage
HA12134A Vope
6.5
12.0
16.0
V
Enable functional operations
HA12135A
8.0
12.0
16.0
HA12136A
9.5
12.0
16.0
Quiescent current
I
Q
7
mA
No signal, REC NR-ON
Voltage gain of
HA12134A G
VIA
21.0
23.0
25.0
dB
Pin 1
→Pin 6
input amp
HA12135A
24.5
26.5
28.5
(Pin 16
→Pin 11)
HA12136A
26.5
28.5
30.5
Vout = 0 dB, f = 1 kHz
NR encode boost
V 8 (9) (NR ON)
ENC-1.4
k (1)
2.9
4.4
5.9
dB
f = 1.4 kHz
V 8 (9) (NR OFF) = –20 dB
V 8 (9) (NR OFF)
ENC-1.4
k (2)
6.0
7.5
9.0
dB
f = 1.4 kHz
V 8 (9) (NR OFF) = –30 dB
ENC-5 k
(1)
1.7
3.2
4.7
dB
f = 5 kHz
V 8 (9) (NR OFF) = –20 dB
ENC-5 k
(2)
6.7
8.2
9.7
dB
f = 5 kHz
V 8 (9) (NR OFF) = –30 dB
ENC-10 k
(1)
–1.1
0.4
1.9
dB
f = 10 kHz
V 8 (9) (NR OFF) = 0 dB
ENC-10 k
(2)
9.8
10.4
11.8
dB
f = 10 kHz
V 8 (9) (NR OFF) = –40 dB
T.H.D (REC)
T.H.D
(REC)
0.05
0.3
%
f = 1 kHz
V 8 (9) (NR ON) = 0 dB
Signal handling
HA12134A Vomax
12.0
13.0
dB
f = 1 kHz,
V
CC = 6.5 V
HA12135A (REC)
T.H.D = 1%
V
CC = 8.0 V
HA12136A
V
CC = 9.5 V
Signal/noise ratio
(REC)
S/N
(REC)
62.0
68.0
dB
Rg = 5.1 k
weighted
CCIR/ARM
Crosstalk (ENC)
(Pin 8 – Pin 9)
CT R
→L
L
→R
52.0
60.0
dB
f = 1 kHz
NR OFF
Control voltage for
REC/PB
REC
2.5
V
CC
V
REC/PB
22 k
Measure
12
PB
0.0
0.5
Control voltage for
NR ON/OFF
ON
2.5
V
CC
V
22k
Measure
NR
ON/OFF
5
OFF
0.0
0.5
Channel balance
∆G
VIA
–1.0
0.0
1.0
dB


Similar Part No. - HA12136A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12136A HITACHI-HA12136A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
More results

Similar Description - HA12136A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com