Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR1AM-8 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR1AM-8
Description  LOW POWER USE PLANAR PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR1AM-8 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR1AM-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR1AM-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR1AM-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR1AM-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR1AM-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/µs)
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
23
100
57 101 23 5 7 102 23 5 7 103
120
0
20
40
60
80
100
140
160
TYPICAL EXAMPLE
Tj = 125°C
I QUADRANT
III QUADRANT
160
–40
0
40
80
120
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G
TYPICAL EXAMPLE
TYPICAL
EXAMPLE
DISTRIBUTION
T2
+, G+
T2
, G
T2
, G+
160
120
100
60
20
0
1.6
0
0.2
0.6
1.0
1.4
40
80
140
0.4
0.8
1.2
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
NATURAL CONVECTION
NO FINS
RESISTIVE,
INDUCTIVE
LOADS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR1AM-8
LOW POWER USE
PLANAR PASSIVATION TYPE


Similar Part No. - BCR1AM-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR1AM-8 POWEREX-BCR1AM-8 Datasheet
70Kb / 4P
   Lead-Mount Triac 1 Ampere/400-600 Volts
logo
Renesas Technology Corp
BCR1AM-8P RENESAS-BCR1AM-8P Datasheet
97Kb / 7P
   Triac Low Power Use
BCR1AM-8P RENESAS-BCR1AM-8P_15 Datasheet
97Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCR1AM-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM-14 MITSUBISHI-BCR08AM-14 Datasheet
27Kb / 2P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM_15 Datasheet
119Kb / 8P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR5PM MITSUBISHI-BCR5PM Datasheet
93Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3PM MITSUBISHI-BCR3PM Datasheet
92Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR2PM MITSUBISHI-BCR2PM Datasheet
48Kb / 4P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM MITSUBISHI-BCR3KM Datasheet
48Kb / 5P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM-14 MITSUBISHI-BCR3KM-14 Datasheet
31Kb / 2P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com