Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XVB1LUR50D Datasheet(PDF) 1 Page - SunLED Corporation

Part # XVB1LUR50D
Description  Black casing provides superior contrast
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XVB1LUR50D Datasheet(HTML) 1 Page - SunLED Corporation

  XVB1LUR50D Datasheet HTML 1Page - SunLED Corporation XVB1LUR50D Datasheet HTML 2Page - SunLED Corporation XVB1LUR50D Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XVB1LUR50D
5mm One Position CBI Housing
Nov 09,2016
XDSA2858 V8-X Layout: Maggie L.
P. 1/3
Features
● Housing material: Type 66 Nylon
● Black casing provides superior contrast
● Housing UL rating: 94V-0
● Reliable & robust
● RoHS Compliant
Absolute Maximum Ratings
(TA=25°C)
Red
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Red
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=10mA)
λP
627*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=10mA)
λD
617*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
λ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XVB1LUR50D
Red
GaAsP/GaP
Red Diffused
25
12*
49
39*
627*
30°
Luminous Intensity
CIE127-2007*
(IF=10mA)
mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XVB1LUR50D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XVB1LUR11D SUNLED-XVB1LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
More results

Similar Description - XVB1LUR50D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
XNH1ZUR46D SUNLED-XNH1ZUR46D Datasheet
225Kb / 3P
   Black casing provides superior contrast
XNN1LUGR86M SUNLED-XNN1LUGR86M Datasheet
244Kb / 3P
   Black casing provides superior contrast
XPF2LUY11D SUNLED-XPF2LUY11D Datasheet
246Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com