Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25Q80CXIGX Datasheet(PDF) 6 Page - ELM Electronics

Part # GD25Q80CXIGX
Description  3.3V Uniform Sector Dual and Quad Serial Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q80CXIGX Datasheet(HTML) 6 Page - ELM Electronics

Back Button GD25Q80CXIGX Datasheet HTML 2Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 3Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 4Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 5Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 6Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 7Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 8Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 9Page - ELM Electronics GD25Q80CXIGX Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
Rev.1.4
49 -
http://www.elm-tech.com
GD25Q80CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
http://www.elm-tech.com
Each device has
Each block has
Each sector has
Each page has
1M
64/32K
4K
256
bytes
4K
256/128
16
-
pages
256
16/8
-
-
sectors
16/32
-
-
-
blocks
3. MEMORY ORGANIZATION
GD25Q80C
GD25Q80C 64K Bytes Block Sector Architecture
Block
Sector
Address range
15
255
0FF000H
0FFFFFH
-----
-----
-----
240
0F0000H
0F0FFFH
14
239
0EF000H
0EFFFFH
-----
-----
-----
224
0E0000H
0E0FFFH
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
2
47
02F000H
02FFFFH
-----
-----
-----
32
020000H
020FFFH
1
31
01F000H
01FFFFH
-----
-----
-----
16
010000H
010FFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
Uniform Block Sector Architecture


Similar Part No. - GD25Q80CXIGX

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
4Mb / 28P
   MCU
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q80CEEG GIGADEVICE-GD25Q80CEEG Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q80CEFG GIGADEVICE-GD25Q80CEFG Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q80CEIG GIGADEVICE-GD25Q80CEIG Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25Q80CXIGX

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B257D GIGADEVICE-GD25B257D Datasheet
1Mb / 92P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q128CXIGX ELM-GD25Q128CXIGX Datasheet
2Mb / 69P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q32CXIGX ELM-GD25Q32CXIGX Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q16 ELM-GD25Q16 Datasheet
3Mb / 49P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25R256D GIGADEVICE-GD25R256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25B64C GIGADEVICE-GD25B64C Datasheet
1Mb / 57P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25Q32 ELM-GD25Q32 Datasheet
3Mb / 50P
   3.3V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25B256D GIGADEVICE-GD25B256D Datasheet
1Mb / 82P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com