Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT42B564-1 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT42B564-1
Description  USB (HID) to UART Bridge IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT42B564-1 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT42B564-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT42B564-1 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 1.00
10
December 21, 2016
HT42B564-x
Application Circuits
VDD
GND
V33O
D-
D+
VDDIO
1µF
VBUS
D-
D+
VSS
0.1µF
10µF
47pF
47pF
33Ω
33Ω
0.1µF
VDD
MCU
Application
Circuit
HT42B564-x
10 SOP-A
USB
Connector
3.3V
BAT
TX
RX
UDET
LED
VCC
1N5817
5V or 3.3V
3.3V
0.1µF
VDD
330Ω
LED
TX
RX
UART
Note:1.TheVCCvoltagemustbelessthantheVDDvoltage.TheVCCsupplycanbesourcedfromaLi-battery.
2.TheUDETpincanusedtodetectaUSBplug-infordatatransferortodetectaUSBplug-outforentering
theenergysavingmode.


Similar Part No. - HT42B564-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT42B564-x HOLTEK-HT42B564-x Datasheet
1Mb / 17P
   USB to I 2C Bridge IC
HT42B564-x HOLTEK-HT42B564-x Datasheet
1Mb / 18P
   USB to SPI Bridge IC
HT42B564-x HOLTEK-HT42B564-x Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results

Similar Description - HT42B564-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Prolific Technology Inc...
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com