Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7782 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7782
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7782 Datasheet(HTML) 1 Page - STMicroelectronics

  7782 Datasheet HTML 1Page - STMicroelectronics 7782 Datasheet HTML 2Page - STMicroelectronics 7782 Datasheet HTML 3Page - STMicroelectronics 7782 Datasheet HTML 4Page - STMicroelectronics 7782 Datasheet HTML 5Page - STMicroelectronics 7782 Datasheet HTML 6Page - STMicroelectronics 7782 Datasheet HTML 7Page - STMicroelectronics 7782 Datasheet HTML 8Page - STMicroelectronics 7782 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1/63
PRELIMINARY DATA
September 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M58CR032C
M58CR032D
32 Mbit (2Mb x 16, Dual Bank, Burst )
1.8V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = 1.65V to 2V for Program, Erase and
Read
–VDDQ = 1.65V to 3.3V for I/O Buffers
–VPP = 12V for fast Program (optional)
s
SYNCHRONOUS / ASYNCHRONOUS READ
– Burst mode Read: 54MHz
– Page mode Read (4 Words Page)
– Random Access: 85, 100, 120 ns
s
PROGRAMMING TIME
– 10µs by Word typical
– Double/Quadruple Word programming option
s
MEMORY BLOCKS
– Dual Bank Memory Array: 8/24 Mbit
– Parameter Blocks (Top or Bottom location)
s
DUAL OPERATIONS
– Read in one Bank while Program or Erase in
other
– No delay between Read and Write operations
s
BLOCK LOCKING
– All blocks locked at Power up
– Any combination of blocks can be locked
–WP for Block Lock-Down
s
SECURITY
– 64 bit user programmable OTP cells
– 64 bit unique device identifier
– One parameter block permanently lockable
s
COMMON FLASH INTERFACE (CFI)
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
Figure 1. Packages
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M58CR032C: 88C8h
– Bottom Device Code, M58CR032D: 88C9h
FBGA
TFBGA56 (ZB)
6.5 x 10 mm


Similar Part No. - 7782

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7782 ETC2-7782 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
7782 ETC-7782 Datasheet
95Kb / 1P
   Triple Broadband Cross Polarized
Rev1.01 / Mar 19 2010
7782.00 ETC-7782.00 Datasheet
95Kb / 1P
   Triple Broadband Cross Polarized
Rev1.01 / Mar 19 2010
logo
National Instruments Co...
778200-01 NI-778200-01 Datasheet
475Kb / 3P
   4-Channel Monochrome Image Acquisition
778201-01 NI-778201-01 Datasheet
503Kb / 3P
   Real-Time Embedded Controllers for PXI
More results

Similar Description - 7782

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
   128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com