Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDG1602F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HDG1602F
Description  Chip On Glass technology
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HDG1602F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HDG1602F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 85
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-0.7VDD -VDD
V
INPUT LOW VOLTAGE
VIL
-VSS
-0.2VDD V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
0.8VDD -VDD
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
VSS
-0.2VDD V
POWER SUPPLY CURRENT IDD
VDD=5V
-
0.82 1.4
mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
4.1
4.5
4.9
V
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
6.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
011.0
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Features
Character Format ......................................5x7 Dots with Cursor
Connection .........................................................Flat Flex Cable
Options................................................STN, Reflective Polarizer
Characters.......................240 in ROM, 8 user designed in RAM
Physical Data
Module Size.......................................65.0W x 27.7H x 2.0T mm
Viewing Area Size........................................61.0W x 15.7H mm
Character Size.............................................2.95W x 5.15H mm
Weight................................................................................7.0 g
Block Diagram
D0 - D7
E
R/W
RS
VL
VDD
VSS
LCD
CONTROLLER
FCS2314AK
or
EQUIVALENT
LCD PANEL
COM 1 - 8
SEG 80
COM 9 - 16
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1RS
H/L
H: Data input
L: Instruction data input
2
R/W
H/L
H: Data read
L: Data write
3E
H,H→L
Enable signal
4D0
H/L
Data bus
5D1
H/L
6D2
H/L
7D3
H/L
8D4
H/L
9D5
H/L
10
D6
H/L
11
D7
H/L
12
VSS
0V
Power supply
13
VDD
5V
14
VL
~+0.6V
Contrast control
Dimensional Drawing
2.95
0.5
0.05
0.55
16 Character x 2 Line
Dimension tolerance: +/-0.3mm
54.7 (A/A)
61.0 (V/A)
65.0±0.2
114
PITCH 1.0
2.0 MAX
1
16
CONNECTOR: 1.0MM PITCH FFC
MATING: MOLEX 52271-1490
Chip On Glass technology
HDG1602F


Similar Part No. - HDG1602F

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
More results

Similar Description - HDG1602F

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDG12864F-1 HANTRONIX-HDG12864F-1 Datasheet
26Kb / 1P
   Chip On Glass technology
logo
List of Unclassifed Man...
320240 ETC-320240 Datasheet
34Kb / 1P
   Chip On Glass technology
logo
Hantronix,Inc
HDG1602P-2-L00S HANTRONIX-HDG1602P-2-L00S Datasheet
44Kb / 2P
   Chip On Glass technology
HDG320240 HANTRONIX-HDG320240 Datasheet
38Kb / 1P
   Chip On Glass technology 320 X 240 Dots Graphics
logo
OSRAM GmbH
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
   compact lightsource in multi chip on board technology with glass window on top
LE-A-H3W OSRAM-LE-A-H3W Datasheet
447Kb / 19P
   compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com