Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

138D437X0008T2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 138D437X0008T2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D437X0008T2 Datasheet(HTML) 5 Page - Vishay Siliconix

  138D437X0008T2 Datasheet HTML 1Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 2Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 3Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 4Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 5Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 6Page - Vishay Siliconix 138D437X0008T2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
59
138D
Vishay
Document Number: 40025
Revision 15-Oct-03
For technical questions, contact wettants@vishay.com
*Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of
± 20%. For bare case units, substitute "0"
for "2" at the end of the Part Number. For capacitors with
± 10% tolerance, change the digit following the letter "X" to "9".
Max. CAPACITANCE
CHANGE (%) at
EXTENDED RATINGS
Max. DCL (
µA) at
+ 125
°C
+ 85
°C
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. ESR
at + 25
°C
(Ohms)
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
C
C
F
F
T
T
K
138D156X0075C2
138D226X0075C2
138D566X0075F2
138D826X0075F2
138D117X0075T2
138D187X0075T2
138D227X0075K2
5
5
3
2.5
2
1.8
2.2
175
157
70
63
33
30
24
3
3
4
4
9
9
10
12
12
24
24
36
36
40
- 16
- 19
- 25
- 30
- 25
- 35
- 40
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
+ 12
+ 12
+ 15
+ 15
+ 16
+ 17
+ 10
+ 10
+ 12
+ 12
+ 14
+ 15
- 12
- 17
- 18
- 20
- 30
- 35
12
12
24
24
40
48
3
3
5
5
10
12
250
200
85
80
40
30
6
6
3.5
3.5
2.2
2.8
138D825X0100C2
138D106X0100C2
138D336X0100F2
138D396X0100F2
138D686X0100T2
138D127X0100K2
C
C
F
F
T
K
300
90
60
50
32
3
5
10
10
12
12
24
40
40
48
- 14
- 18
- 16
- 26
- 30
+ 10
+ 12
+ 14
+ 14
+ 15
+ 12
+ 15
+ 16
+ 16
+ 17
C
F
T
T
K
138D685X0125C2
138D276X0125F2
138D396X0125T2
138D476X0125T2
138D826X0125K2
11.7
3.5
2.2
2.2
2.8
15
22
56
82
110
180
220
8.2
10
33
39
68
120
60WVDC at + 85
°C . . . 40WVDC at + 125°C
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
- 20
- 24
- 30
- 36
- 30
- 40
- 45
12
12
20
20
32
32
36
3
3
4
4
8
8
9
160
144
60
54
32
29
23
5
5
3
2.5
2
1.8
1.5
138D186X0060C2
138D276X0060C2
138D686X0060F2
138D107X0060F2
138D147X0060T2
138D227X0060T2
138D277X0060K2
C
C
F
F
T
T
K
18
27
68
100
140
220
270
75WVDC at + 85
°C . . . 50WVDC at + 125°C
100WVDC at + 85
°C . . . 65WVDC at + 125°C
125WVDC at + 85
°C . . . 85WVDC at + 125°C
6.8
27
39
47
82
2
2
4
4
6
8
9
150
135
55
49
32
29
22
5
5
2.5
2.5
1.8
1.8
1.5
138D226X0050C2
138D336X0050C2
138D826X0050F2
138D127X0050F2
138D167X0050T2
138D277X0050T2
138D337X0050K2
C
C
F
F
T
T
K
+ 12
+ 12
+ 15
+ 15
+ 25
+ 25
+ 30
+ 10
+ 10
+ 10
+ 12
+ 20
+ 20
+ 25
- 24
- 29
- 35
- 42
- 35
- 46
- 46
9
9
24
24
32
32
36
22
33
82
120
160
270
330
50WVDC at + 85
°C . . . 30WVDC at + 125°C
+ 12
+ 12
+ 16
+ 25
+ 25
+ 30
+ 10
+ 10
+ 13
+ 20
+ 20
+ 25
- 30
- 35
- 45
- 45
- 58
- 58
9
9
16
32
32
36
2
2
3
8
8
9
130
115
45
30
27
21
5.2
5.2
2.5
1.8
1.8
1.3
138D336X0035C2
138D476X0035C2
138D127X0035F2
138D227X0035T2
138D397X0035T2
138D477X0035K2
33
47
120
220
390
470
C
C
F
T
T
K
35WVDC at + 85
°C . . . 22WVDC at + 125°C
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal


Similar Part No. - 138D437X0008T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D437X0008T2 VISHAY-138D437X0008T2 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
More results

Similar Description - 138D437X0008T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com