Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N588HXXX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # N588HXXX
Description  3-ch Voice/Melody
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N588HXXX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button N588HXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 7Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 8Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 9Page - List of Unclassifed Manufacturers N588HXXX Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
N588Hxxx
Release Date: Jun. 2016
- 8 -
Version A15.0
Frequency Deviation
by Voltage Drop
F
(Fmax – Fmin)/Fmin
@VDD: 2.4 ~ 4.5V
-
2
-
%
6. Application Circuit
Note:
-
C1 (4.7uF), C2 (0.1uF), R1 (10Ω) are required for power stability
-
C1 value need to be adjusted according to the loading, such as motor control application.
-
C3 (0.1uF) is required to stabilize reset signal


Similar Part No. - N588HXXX

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N588Hxxx NUVOTON-N588Hxxx Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
More results

Similar Description - N588HXXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W561XXX WINBOND-W561XXX Datasheet
79Kb / 7P
   4-CH MELODY WITH VOICE SYNTHESIZER
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
logo
SONiX Technology Compan...
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com