Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N575F145 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # N575F145
Description  system-on-chip product
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N575F145 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button N575F145 Datasheet HTML 7Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 8Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 9Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 10Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 11Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 12Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 13Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 14Page - List of Unclassifed Manufacturers N575F145 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
N575F145 Data Sheet
Release Date: Sep. 2015
- 11 -
Version A1.1
4
BLOCK DIAGRAM
AHB Lite
Cortex M0
RAM
12KB
Embedded
Flash
145KB
AHB to APB bridge
Flash Mem Controller
I2C
PWM Speaker Driver
SPI
Timers/PWM
Debug interface
System Control/PMU
GPIO
CLK CTRL
50MHz Internal Osc.
32kHz RTC Osc
Audio ADC
UART
WDT
I2S
LDO 3.0V
LDO 1.8V
BOD
PDMA
POR
10kHz low power
Osc
Peripherals with PDMA
Figure 4-1 N575F145 Block Diagram


Similar Part No. - N575F145

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
   The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results

Similar Description - N575F145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N575C145 ETC2-N575C145 Datasheet
613Kb / 23P
   system-on-chip product optimized
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com