Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204GD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 204GD
Description  3.0 MM ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

204GD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  204GD Datasheet HTML 1Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 2Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 3Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 4Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 5Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
204GD
Packing Quantity Specification
1.1000PCS/1Bag,4Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT ’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 6 of 6
Device Number :
CDLE-020-522
Prepared date:
2004/6/23
Prepared by:
Caixia wu
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
204GD


Similar Part No. - 204GD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
204GMR012Z ILLINOISCAPACITOR-204GMR012Z Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
   3mm Round Standard LEDs, T-1
logo
List of Unclassifed Man...
204GT-1 ETC1-204GT-1 Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 204GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
264-10YD ETC-264-10YD Datasheet
93Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
1224VGC ETC-1224VGC Datasheet
98Kb / 6P
   3.0 MM ROUND TYPE LED LAMPS
204HD ETC-204HD Datasheet
98Kb / 6P
   3.0 mm ROUND TYPE LED LAMPS
209HGW ETC-209HGW Datasheet
137Kb / 7P
   3.0 MM MULTI COLOR ROUND TYPE LED LAMPS
333HD ETC-333HD Datasheet
104Kb / 6P
   5.0 MM ROUND TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
   5.0 MM ROUND TYPE LED LAMPS
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
   1.8 mm Round Tower Type LED Lamps
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com