Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMF105B7102MVHF Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMF105B7102MVHF
Description  High Reliability (Automotive) Application Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMF105B7102MVHF Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMF105B7102MVHF Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMF105B7102MVHF Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF105B7102MVHF
Features
Item Summary
1000pF±20%, 50V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping paper 10000pcs
Products characteristics table
Capacitance
1000 pF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
50 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (173 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2017.07.10
1 / 1


Similar Part No. - UMF105B7102MVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMF105B7102KVHF TAIYO-YUDEN-UMF105B7102KVHF Datasheet
278Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results

Similar Description - UMF105B7102MVHF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF316B7105MLHT TAIYO-YUDEN-UMF316B7105MLHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
EMF316AB7106MLHT TAIYO-YUDEN-EMF316AB7106MLHT Datasheet
419Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
EMF325B7224MNHT TAIYO-YUDEN-EMF325B7224MNHT Datasheet
417Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
LMF325B7105KNHT TAIYO-YUDEN-LMF325B7105KNHT Datasheet
417Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7472KVHF TAIYO-YUDEN-TMF105B7472KVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7472MVHF TAIYO-YUDEN-TMF105B7472MVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
LMF107B7105MAHT TAIYO-YUDEN-LMF107B7105MAHT Datasheet
279Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7103KVHF TAIYO-YUDEN-TMF105B7103KVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF107B7104MAHT TAIYO-YUDEN-TMF107B7104MAHT Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com