Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA054X104M3GALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # CA054X104M3GALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA054X104M3GALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button CA054X104M3GALTU Datasheet HTML 2Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 3Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 4Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 5Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 6Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 7Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 8Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 9Page - Kemet Corporation CA054X104M3GALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1016_C0G_ARRAY_SMD • 10/14/2016
66
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array, C0G Dielectric, 10 – 200 VDC, (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0508 – 0612 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0508X (CA052X 2-Cap Case Size)
C0612X (CA064X 4-Cap Case Size)
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
10 pF
100
J
K
M
MA
MA
MA
MA
MA
MA
12 pF
120
J
K
M
MA
MA
MA
MA
MA
MA
15 pF
150
J
K
M
MA
MA
MA
MA
MA
MA
18 pF
180
J
K
M
MA
MA
MA
MA
MA
MA
22 pF
220
J
K
M
MA
MA
MA
MA
MA
MA
27 pF
270
J
K
M
MA
MA
MA
MA
MA
MA
33 pF
330
J
K
M
MA
MA
MA
MA
MA
MA
39 pF
390
J
K
M
MA
MA
MA
MA
MA
MA
47 pF
470
J
K
M
MA
MA
MA
MA
MA
MA
56 pF
560
J
K
M
MA
MA
MA
MA
MA
MA
68 pF
680
J
K
M
MA
MA
MA
MA
MA
MA
82 pF
820
J
K
M
MA
MA
MA
MA
MA
MA
100 pF
101
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
120 pF
121
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
150 pF
151
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
180 pF
181
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
220 pF
221
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
270 pF
271
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
330 pF
331
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
390 pF
391
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
470 pF
471
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
560 pF
561
J
K
M
PA
PA
PA
PA
PA
680 pF
681
J
K
M
PA
PA
PA
PA
PA
820 pF
821
J
K
M
PA
PA
PA
PA
PA
1,000 pF
102
J
K
M
PA
PA
PA
PA
PA
1,100 pF
112
J
K
M
PA
PA
PA
PA
PA
1,200 pF
122
J
K
M
PA
PA
PA
PA
PA
1,300 pF
132
J
K
M
PA
PA
PA
PA
PA
1,500 pF
152
J
K
M
PA
PA
PA
PA
PA
1,600 pF
162
J
K
M
PA
PA
PA
PA
PA
1,800 pF
182
J
K
M
PA
PA
PA
PA
PA
2,000 pF
202
J
K
M
PA
PA
PA
PA
PA
2,200 pF
222
J
K
M
PA
PA
PA
PA
PA
Capacitance
Capacitance
Code
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Case Size/Series
C0508X (CA052X 2-Cap Case Size)
C0612X (CA064X 4-Cap Case Size)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.


Similar Part No. - CA054X104M3GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CA054X104M3RACTU KEMET-CA054X104M3RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA054X104M3RALTU KEMET-CA054X104M3RALTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results

Similar Description - CA054X104M3GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com