Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N567K160 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # N567K160
Description  powerful microcontroller (uC)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567K160 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  N567K160 Datasheet HTML 1Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 2Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 3Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 4Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 5Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 6Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 7Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 8Page - List of Unclassifed Manufacturers N567K160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
N567KXXX
Publication Release Date: Feb. 2014
- 3 -
Revision A12
2. FEATURES
Wide range of operating voltage:
8 MHz @ 3.0 volt ~ 5.5 volt
6 MHz @ 2.4 volt ~ 5.5 volt
● Oscillator
 Trim function -Build in Rosc and system clock setting: 4MHz, 6MHz or 8MHz by Mask
Option
 X’tal oscillator –Only in N567K240/280/330/041/030 by Mask Option
Add external Crystal 8MHz~16MHz for system clock 4M~8MHz
Power management:
4 ~ 8 MHz system clocks, with Ring type or crystal type.
Stop mode for stopping all IC operations
Status changes of the IP0 and BP0~BP2 pins can wake up the chip
Provides up to 8 inputs and 24 I/O pins
N567K030~K201: 24I/O
N567K240~K330: 8I + 24I/O
Audio output : 1 speaker outputs, mono effect available
 DAC : maximum output is 3mA/5mA , (10+3)-bit without Noise Shaping to drive speaker
output.
 PWM: direct drive 12 bit with Noise Shaping to save power consumption.
F/W speech synthesis:
Multiple format parser that supports
New 4-bit MDPCM(NM4), 5-bit MDPCM(MDM), 4-bit MDPCM(MD4), 4-bit
ADPCM(APM), 8-bit Log PCM(LP8) algorithm can be used
Pitch shippable ADPCM for voice changer application
Dual-sample rate voice synthesis
F/W Melody synthesis:
6 melody channels that can emulate characteristics of musical instruments
Multi-MIDI files simultaneous
Multi-MIDI channels dynamic control
More MIDI events are supported for colorful melody playback, such as modulation wheel,
pitch-bending, pedal, pitch-shift, and vibrato
…etc.
Speech and melody can be playing at the same time
2 channels speech + 4 channels wavetable melody
1 channel speech + 5 channels wavetable melody
6 channels wavetable melody
Built-in IR carrier generation circuit for simplifying firmware IR application
Built-in TimerG1 for general purpose applications
Harmonized synchronization among MIDI, Speech, LED, and Motor
Build-in 3-pair LED outputs with 64-level control of brightness in N567K240~K330
BP00/02/04 are defined as 3 H/W PWM I/O pins. They can be paired with BP01/03/05
respectively by same (or opposite) phase of output waveform


Similar Part No. - N567K160

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567K160 NUVOTON-N567K160 Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
More results

Similar Description - N567K160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
N567K081 NUVOTON-N567K081 Datasheet
519Kb / 11P
   The N567K081 is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
W567BXXX NUVOTON-W567BXXX Datasheet
494Kb / 13P
   The W567Bxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com