Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N567G120 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # N567G120
Description  powerful microcontroller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567G120 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  N567G120 Datasheet HTML 1Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 2Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 3Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 4Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 5Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 6Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 7Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 8Page - List of Unclassifed Manufacturers N567G120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
N567GXXX
Release Date: Feb. 2014
- 5 -
Version A13
3. FAMILY OVERVIEW
The characteristics of N567Gxxx series are depicted in Table 1.
Part
Number
N567G030
N567G041
N567G080
N567G120,
/N567G121
N567G160
/N567G161
ROM (Byte)
126K
158K
286K
416K
528K
RAM (Byte)
384
384
384
384
384
Duration
1
34 sec
44 sec
84 sec
124 sec
158 sec
System Clock
TRIM/X
’tal
TRIM/X
’tal
TRIM
TRIM
TRIM
In : Bid
2
0 : 24
0 : 24
0 : 24
0 : 24
0 : 24
Audio Output
DAC
PWM
DAC
PWM
DAC
PWM
DAC
PWM
DAC
PWM
Speaker
1
1
1
1
1
Mixer Input
4
4
4
4
4
Synthesis
Algorithm
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
MDPCM
ADPCM
PCM
IR-Carrier (Tx)
64-Level Output
X
X
X
X
X
Watch Dog
Timer (WDT)
Low Voltage
Reset (LVR)
SIM for SPI
Flash Interface
X
X
Stop mode
PowerScript
1 The F/W library & program code are excluded from the ROM space for the duration estimate, which is based on 6-KHz
sample rate & 4-bit NM4 algorithm.
2 "In" is the number of input pins; "Bid" is the number of Bi-directional pins.


Similar Part No. - N567G120

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N567G120 NUVOTON-N567G120 Datasheet
638Kb / 15P
   Trim function -Build in Rosc and system clock setting: 4MHz, 6MHz or 8MHz by Mask Option
More results

Similar Description - N567G120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
logo
Analog Devices
ADSST-SALEM-3T AD-ADSST-SALEM-3T_15 Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
REV. 0
logo
Nuvoton Technology Corp...
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
   The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com