Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97CFDC Datasheet(PDF) 10 Page - SMSC Corporation

Part # 97CFDC
Description  USB FLOPPY DISK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

97CFDC Datasheet(HTML) 10 Page - SMSC Corporation

Back Button 97CFDC Datasheet HTML 6Page - SMSC Corporation 97CFDC Datasheet HTML 7Page - SMSC Corporation 97CFDC Datasheet HTML 8Page - SMSC Corporation 97CFDC Datasheet HTML 9Page - SMSC Corporation 97CFDC Datasheet HTML 10Page - SMSC Corporation 97CFDC Datasheet HTML 11Page - SMSC Corporation 97CFDC Datasheet HTML 12Page - SMSC Corporation 97CFDC Datasheet HTML 13Page - SMSC Corporation 97CFDC Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SMSC DS – USB97CFDC
Page 10
Rev. 12/15/2000
BUFFER TYPE DESCRIPTIONS
Table 1 - USB97CFDC Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IS
Input with Schmitt trigger
O8
Output with 8mA drive
I/O8
Input/output with 8mA drive
OD12
Open drain….12mA sink
O24
Output with 24mA drive
OD24
Open drain….24mA sink
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
See Table 6.
BOARD TEST MODE OPERATION
By driving the nTESTEN pin low, the device will be placed into a special test mode to allow verification of attachment
of the device to the circuit board. Every pin except the TSTOUT, XTAL2, and the power and ground pins become an
input to an XNOR chain, as shown below, to allow continuity to be tested on the board. This test should individually
toggle the state of the trace connected to the pin being examined for continuity, and the TSTOUT pin monitored for
toggle of state. If no toggle occurs, either the pin under test is discontinuous, or the TSTOUT pin is not connected on
the board
Pin1
Pin2
Pin3
Pin100
TSTOUT


Similar Part No. - 97CFDC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
   Half Pitch DIP Switches
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
97C08SRT GRAYHILL-97C08SRT Datasheet
110Kb / 1P
   Half the Size of Standard DIP Switches
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
   Half Pitch DIP Switches
logo
Hynix Semiconductor
97C2051 HYNIX-97C2051 Datasheet
254Kb / 39P
   8-Bit CMOS Microcontorller
More results

Similar Description - 97CFDC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com