Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91C94 Datasheet(PDF) 11 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 7Page - SMSC Corporation 91C94 Datasheet HTML 8Page - SMSC Corporation 91C94 Datasheet HTML 9Page - SMSC Corporation 91C94 Datasheet HTML 10Page - SMSC Corporation 91C94 Datasheet HTML 11Page - SMSC Corporation 91C94 Datasheet HTML 12Page - SMSC Corporation 91C94 Datasheet HTML 13Page - SMSC Corporation 91C94 Datasheet HTML 14Page - SMSC Corporation 91C94 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
11
PIN NUMBER
QFP
VTQFP/
TQFP
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
25
23
nI/O 16
nIOCS16/
nIOIS16
OD24
ISA - Active low output asserted in 16
bit mode when AEN is low and A4-A15
decode to the LAN91C94 address
programmed into the high byte of the
Base Address Register
PCMCIA - Active low output asserted
whenever the LAN91C94 is in 16 bit
mode, COR0 bit is high, and REG* is
low
51
49
nI/O Read
nIORD
IS with
pullup
Input - Active low read strobe to
access the LAN91C94 IO space
52
50
nIOWR
IS with
pullup
Input - Active low write strobe to
access the LAN91C94 IO space
53
51
nMEMR/
nOE
IS with
pullup
ISA - Active low signal used by the
host
processor
to
read
from
the
external ROM.
PCMCIA - Output Enable input used to
read from the COR, CSR, and attribute
memory
7
5
EEPROM
Clock
EESK
O4
Output - 4usec clock used to shift data
in and out of a serial EEPROM
6
4
EEPROM
Select
EECS
O4
Output - Serial EEPROM chip select
4
2
EEPROM
Data Out
EEDO/
SDOUT
O4
Output - Connected to the DI input of
the serial EEPROM
5
3
EEPROM
Data In
EEDI
I with pull-
down
Input - Connected to the DO output of
the serial EEPROM
98,
99,1
96,97
99
I/O Base
IOS0-2
I with
pullup
Input
-
External
switches
can
be
connected to these lines to select
between
predefined
EEPROM
configurations. The values of these
pins are readable
72
70
nTransmit
Led/
nTransmit
Enable
nTXLED/
nTXEN
OD16
O162
INTERNAL ENDEC - Transmit LED
output
EXTERNAL
ENDEC
-
Active
low
Transmit Enable output


Similar Part No. - 91C94

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
Bourns Electronic Solut...
91C1A-A24-A13/A15 BOURNS-91C1A-A24-A13/A15 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/A15L BOURNS-91C1A-A24-A13/A15L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/R51 BOURNS-91C1A-A24-A13/R51 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/R51L BOURNS-91C1A-A24-A13/R51L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results

Similar Description - 91C94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
   ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
   PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com