Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2824H393JHGWCTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C2824H393JHGWCTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2824H393JHGWCTU Datasheet(HTML) 3 Page - Kemet Corporation

  C2824H393JHGWCTU Datasheet HTML 1Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 2Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 3Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 4Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 5Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 6Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 7Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 8Page - Kemet Corporation C2824H393JHGWCTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1035_C0G_PULSE_SMD • 8/2/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Pulse Discharge, High Voltage, High Temperature 200°C C0G Dielectric, 1,000 VDC – 3,500 VDC (Industrial Grade)
Dimensions – Millimeters (Inches)
T
S
W
L
B
Size Code
L
Length
W
Width
T
Thickness
Maximum
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
2824
7.10±0.40
(0.280±0.016)
6.10±0.40
(0.240±0.016)
See Table 2
1.27±0.40
(0.050±0.016)
N/A
Solder
Reflow Only
3040
7.60±0.40
(0.300±0.016)
10.20±0.40
(0.402±0.016)
3640
9.10±0.40
(0.358±0.016)
10.20±0.40
(0.402±0.016)
4540
11.40±0.40
(0.449±0.016)
10.20±0.40
(0.402±0.016)
Qualification/Certification
Industrial grade pulse discharge products are subject to internal qualification. Details regarding test methods and
conditions are referenced in Table 4, Performance and Reliability.
Environmental Compliance
Lead (Pb)-free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option).


Similar Part No. - C2824H393JHGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2824H393JBGACT050 KEMET-C2824H393JBGACT050 Datasheet
71Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.039 uF, 5%, 630 V, 2824, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C2824H393JBGACTU KEMET-C2824H393JBGACTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAETU KEMET-C2824H393JBGAETU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAFTU KEMET-C2824H393JBGAFTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
C2824H393JBGAGTU KEMET-C2824H393JBGAGTU Datasheet
1Mb / 26P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2824H393JHGWCTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com