Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT162374DL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT162374DL
Description  3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374DL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT162374DL Datasheet HTML 6Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 7Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 8Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 9Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 10Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 11Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 12Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 13Page - NXP Semiconductors 74LVT162374DL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 14401
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 17 January 2005
10 of 17
Philips Semiconductors
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop
12. Waveforms
VM = 1.5 V; VI = GND to 3.0 V.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Propagation delay clock input to output, clock pulse width and maximum clock
frequency
VM = 1.5 V; VI = GND to 3.0 V.
VOH is typical voltage output drop that occur with the output load.
Fig 7.
3-state output enable time to HIGH-level and output disable time from HIGH-level
VM = 1.5 V; VI = GND to 3.0 V.
VOL is typical voltage output drop that occur with the output load.
Fig 8.
3-state output enable time to LOW-level and output disable time from LOW-level
001aac373
tPHL
tPLH
tW(H)
tW(L)
1/fmax
VM
VM
VM
VM
VM
nCP
nQn
0 V
2.7 V
VOH
VOL
nQn
001aac374
nOE
VM
tPZH
tPHZ
0 V
VOH − 0.3 V
VM
VM
VOH
2.7 V
001aac375
tPZL
tPLZ
VOL + 0.3 V
VM
VM
VM
VOL
2.7 V
3.0 V
nQn
nOE


Similar Part No. - 74LVT162374DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162374DL PHILIPS-74LVT162374DL Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
More results

Similar Description - 74LVT162374DL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC162374A PHILIPS-74LVC162374A Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
logo
Nexperia B.V. All right...
74LVCH162374A NEXPERIA-74LVCH162374A Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
logo
NXP Semiconductors
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com