Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-1377174-8 Datasheet(PDF) 19 Page - TE Connectivity Ltd

Part # 9-1377174-8
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1377174-8 Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button 9-1377174-8 Datasheet HTML 15Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 16Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 17Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 18Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 19Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 20Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 21Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 22Page - TE Connectivity Ltd 9-1377174-8 Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Fully-Insulated Receptacles
PIDG-FASTON
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-19
6.3 x 0.8
0.3–1.5
3.4
7.6
18.3
15.5
156667-1
6.3 x 0.8
1.0–2.5
4.0
7.6
18.3
15.5
156666-1
6.3 x 0.8
1.5–2.5
4.0
7.6
18.3
15.5
156666-1
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
H
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
6.3 x 0.8
0.3–1.0
3.3
9.2
21.6
7.8
5.3
735278
735278-1
6.3 x 0.8
1.0–1.5
3.3
9.2
21.6
7.8
5.3
735278
735278-1
6.3 x 0.8
0.3–1.0
3.3
9.2
21.6
7.8
5.3
735279
6.3 x 0.8
1.5–2.5
4.0
9.2
21.6
7.8
5.3
735159
6.3 x 0.8
1.0–2.5
4.0
9.2
21.6
7.8
5.3
735160
Fully-Insulated
PIDG-FASTON
Receptacles
Insulation Sleeve:
Nylon acc. UL 94 V-2
PIDG-FASTON
Flag Version
PIDG-FASTON
Receptacles
Piggy Back Style
6.3 x 0.8
0.3–1.5
3.5
7.6
23.4
7.7
9-160834-2
9-160834-5
6.3 x 0.8
1.0–2.5
4.3
7.6
23.4
7.7
9-160463-2
9-160463-5


Similar Part No. - 9-1377174-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-1372295-9 TEC-9-1372295-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-0 TEC-9-1372348-0 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-1 TEC-9-1372348-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 9-1377174-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com