Electronic Components Datasheet Search |
|
6-1377174-5 Datasheet(PDF) 5 Page - TE Connectivity Ltd |
|
6-1377174-5 Datasheet(HTML) 5 Page - TE Connectivity Ltd |
5 / 24 page Ring Tongue Terminals – Nylon (continued) PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-5 .500 .344 .935 1.188 .230 34974 2-34974-1 12.70 8.74 23.75 30.18 5.84 1/4 .500 .344 .935 1.188 .250 323682 2-323682-1 M6 12.70 8.74 23.75 30.18 6.35 .531 .437 1.028 1.296 .250 34806 – 13.49 11.10 26.11 32.92 6.35 5/16 .531 .437 1.028 1.296 .250 34810 – M8 13.49 11.10 26.11 32.92 6.35 3/8 .531 .437 1.028 1.296 .230 330896 – 13.49 11.10 26.11 32.92 5.84 .750 .625 1.216 1.594 .250 35316 – 1/2 19.05 15.88 30.89 40.49 6.35 M12 1.250 1.000 1.591 2.219 .250 36203 – 31.75 25.40 40.41 56.36 6.35 3/4 1.250 1.000 1.591 2.219 .250 322724 – 31.75 25.40 40.41 56.36 6.35 4 .281 .219 .810 .953 .250 35148 – 7.14 5.56 20.57 24.21 6.35 .281 .219 .810 .953 .230 320634 2-320634-1 7.14 5.56 20.57 24.21 5.84 .281 .219 .810 .953 .250 35149 – 6 7.14 5.56 20.57 24.21 6.35 M3.5 .312 .302 .893 1.052 .230 326886 – 7.92 7.67 22.68 26.72 5.84 .375 .302 .893 1.083 .250 – 2-35107-1 9.53 7.67 22.68 27.51 6.35 .312 .281 .872 1.031 .230 35787 1-35787-0 8 7.92 7.14 22.15 26.19 5.84 M4 .312 .302 .893 1.052 .230 324915 – 7.92 7.67 22.68 26.72 5.84 .312 .302 .893 1.052 .230 324918 1-324918-0 7.92 7.67 22.68 26.72 5.84 .343 .281 .872 1.046 .230 – 1-32883-0 10 8.71 7.14 22.15 26.57 5.84 .375 .302 .893 1.083 .230 36161 – 9.53 7.67 22.68 27.51 5.84 .500 .344 1.179 1.432 .220 329389 – 12.70 8.74 29.95 36.37 5.59 .500 .344 .935 1.188 .230 35273 – 1/4 12.70 8.74 23.75 30.18 5.84 M6 .531 .468 1.054 1.322 .230 320569 – 13.49 11.89 26.77 33.58 5.84 5/16 .531 .468 1.054 1.322 .250 35111 – M8 13.49 11.89 26.77 33.58 6.35 .593 .531 1.115 1.414 .230 320577 2-320577-3 3/8 15.06 13.49 28.32 35.92 5.84 .593 .531 1.115 1.414 .250 35112 – 15.06 13.49 28.32 35.92 6.35 1/2 .750 .625 1.216 1.594 .250 35151 – M12 19.05 15.88 30.89 40.49 6.35 , Heavy duty for extra mechanical strength. Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 L E C W , 16–14HD, (1.04–2.62) .050 1.27 12–10 (2.62–6.64) .042 1.07 Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted |
Similar Part No. - 6-1377174-5 |
|
Similar Description - 6-1377174-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |