Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1377174-2 Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # 4-1377174-2
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1377174-2 Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button 4-1377174-2 Datasheet HTML 11Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 12Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 13Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 14Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 15Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 16Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 17Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 18Page - TE Connectivity Ltd 4-1377174-2 Datasheet HTML 19Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Cross Reference for Small Packaging
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-15
140714-3
.250 SERIES FAST CONNECTOR
6-1377174-6
10
0,200
141460-1
3.0 mm DIAMETER PIDG PIN
2-1377174-6
50
1,000
141462-1
3.0 mm DIAMETER PIDG PIN
2-1377174-4
50
1,000
165590-1
4.0 mm SHUR PLUG
2-1377174-5
50
1,000
160215-0
5.0 mm SHUR PLUG
2-1377174-8
50
1,000
141452-1
3.0 mm SHUR PLUG REC. ASSY.
3-1377174-1
50
1,000
141456-1
3.0 mm SHUR PLUG REC. ASSY.
2-1377174-9
50
1,000
165429-1
4.0 mm SHUR PLUG REC. ASSY.
3-1377174-2
50
1,000
165399-1
4.0 mm SHUR PLUG REC. ASSY.
5-1377175-5
50
1,000
165591-1
4.0 mm SHUR PLUG REC.
3-1377174-0
50
1,000
165400-1
SHUR PLUG REC. ASSY.
3-1377174-3
50
1,000
165046-0
PIDG WIRE PIN
1-1377174-3
100
2,000
165142-0
PIDG WIRE PIN
1-1377174-0
100
2,000
165172-0
PIDG WIRE PIN
1-1377174-4
100
2,000
165049-0
PIDG WIRE PIN ASSY.
1-1377174-7
50
1,000
165168-0
PIDG WIRE PIN
1-1377174-1
100
2,000
131330-0
PIDG WIRE PIN
1-1377174-6
100
2,000
131331-0
PIDG WIRE PIN
1-1377174-2
100
2,000
151467-0
PIDG LIPPED BLADE, Red
5-1377175-9
100
2,000
151469-0
PIDG LIPPED BLADE, Blue
6-1377175-0
100
2,000
151471-0
PIDG LIPPED BLADE, Yellow
6-1377175-1
50
1,000
9-160402-2
PIDG WIRE PIN ASSY.
1-1377174-5
100
2,000
160404-2
PIDG WIRE PIN ASSY.
1-1377174-8
50
1,000
165514-1
VINYL PIDG WIRE PIN
0-1377174-9
100
2,000
130207-0
PIDG RING TONGUE
8-1377173-1
50
1,000
328996-0
PIDG RING TONGUE
7-1377173-1
100
2,000
323913-0
PIDG RING TONGUE
6-1377173-2
100
2,000
323914-0
PIDG RING TONGUE
6-1377173-3
100
2,000
31880-0
PIDG RING TONGUE
6-1377173-6
100
2,000
320619-0
PIDG RING TONGUE
7-1377173-2
100
2,000
323915-0
PIDG RING TONGUE
6-1377173-4
100
2,000
36150-0
PIDG RING TONGUE
6-1377173-7
100
2,000
320565-0
PIDG RING TONGUE
7-1377173-3
100
2,000
323916-0
PIDG RING TONGUE
6-1377173-5
100
2,000
35108-0
PIDG RING TONGUE
7-1377173-7
50
1,000
31890-0
PIDG RING TONGUE
6-1377173-8
100
2,000
130094-0
PIDG RING TONGUE
7-1377173-4
100
2,000
130171-0
PIDG RING TONGUE
7-1377173-8
50
1,000
130008-0
PIDG RING TONGUE
6-1377173-9
100
2,000
321045-0
PIDG RING TONGUE
7-1377173-5
100
2,000
165034-0
PIDG RING TONGUE
7-1377173-9
50
1,000
31894-0
PIDG RING TONGUE
7-1377173-0
100
2,000
328998-0
PIDG RING TONGUE
7-1377173-6
100
2,000
160298-0
PIDG RING TONGUE
8-1377173-0
50
1,000
Standard
Package
Description
Small Pack
Order
Number
Primary
Package
Quantity
Minimum
Order
Quantity


Similar Part No. - 4-1377174-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1372234-1 TEC-4-1372234-1 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-1372234-1 TEC-4-1372234-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 4-1377174-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com