Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M058LDE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M058LDE
Description  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M058LDE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M058LDE Datasheet HTML 5Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 6Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 7Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 8Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 9Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 10Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 11Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 12Page - List of Unclassifed Manufacturers M058LDE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 9 of 86
Rev 1.03
Multiple clock sources
Supports wake-up from Power-down or Sleep mode
Interrupt or reset selectable on watchdog time-out
Time-out reset delay period time can be selected
WWDT (Window Watchdog Timer)
6-bit down counter with 11-bit pre-scale for wide range window selected
PWM
Up to four built-in 16-bit PWM generators, providing eight PWM outputs or four
complementary paired PWM outputs
Individual clock source, clock divider, 8-bit pre-scalar and dead-zone generator for
each PWM generator
PWM interrupt synchronized to PWM period
16-bit digital Capture timers with rising/falling capture inputs
Supports capture interrupt
Internal 10 kHz to PWM clock source
Polar inverse function
Center-aligned type function
Timer duty interrupt enable function
Two kinds of PWM interrupt period/duty type selection
Period/duty trigger ADC function
PWM Timer synchronous start function
UART
Up to two sets of UART devices
Programmable baud-rate generator
Buffered receiver and transmitter, each with 15 bytes FIFO
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS485 function
Supports LIN function
SPI
Up to two sets of SPI devices
Supports Master/Slave mode
Full-duplex synchronous serial data transfer
Provides 3 wire function
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
Rx latching data can be either at rising edge or at falling edge of serial clock
Tx sending data can be either at rising edge or at falling edge of serial clock
Supports Byte Suspend mode in 32-bit transmission
PLL clock source
4-level depth FIFO buffer for better performance and flexibility in SPI Burst Transfer
mode


Similar Part No. - M058LDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M058LDE NUVOTON-M058LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M058LDE NUVOTON-M058LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - M058LDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com