Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S32400A-10T Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S32400A-10T
Description  16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32400A-10T Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S32400A-10T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32400A-10T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
PRELIMINARYINFORMATION,Rev. 00C
01/20/05
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any
time without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
IS42S81600A,
IS42S16800A,
IS42S32400A,
ISSI®
FEATURES
• Clock frequency: 166,143,100 MHz
• Fully synchronous; all signals referenced to a
positive clock edge
• Internal bank for hiding row access/precharge
• Power supply
VDD
VDDQ
IS42S81600A
3.3V
3.3V
IS42S16800A
3.3V
3.3V
IS42S32400A
3.3V
3.3V
• LVTTL interface
• Programmable burst length
– (1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Auto Refresh (CBR)
• Self Refresh with programmable refresh periods
• 4096 refresh cycles every 64 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Burst termination by burst stop and precharge
command
• Industrial Temperature Availability
• Lead-free Availability
OVERVIEW
ISSI's 128Mb Synchronous DRAM achieves high-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer
to the rising edge of the clock
input.The 128Mb SDRAM is organized as follows.
16Meg x 8, 8Meg x16 & 4Meg x 32
128-MBIT SYNCHRONOUS DRAM
PRELIMINARY INFORMATION
JANUARY 2005
KEY TIMING PARAMETERS
Parameter
-6
-7
-10
Unit
Clk Cycle Time
CAS Latency = 3
6
7
10
ns
CAS Latency = 2
-
10
10
ns
Clk Frequency
CAS Latency = 3
166
143
100
Mhz
CAS Latency = 2
-
100
100
Mhz
Access Time from Clock
CAS Latency = 3
5.4
5.4
7
ns
CAS Latency = 2
-
6
9
ns
IS42S81600A
IS42S16800A
IS42S32400A
4M x8x4 Banks
2M x16x4 Banks
1M x32x4 Banks
54-pin TSOPII
54-pin TSOPII
86-pin TSOPII


Similar Part No. - IS42S32400A-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S32400A-10T ICSI-IS42S32400A-10T Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400A-10TI ICSI-IS42S32400A-10TI Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S32400A-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com