Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSIR21931F-S1-PF-TR1 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSIR21931F-S1-PF-TR1
Description  INFRARED EMITTING DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR21931F-S1-PF-TR1 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSIR21931F-S1-PF-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR21931F-S1-PF-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
120°
60 Seconds Max
25°
0° 0
Preheat
2
°/sec
max
50
260°
Temp(
°C)
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
Dip Soldering
Preheat: 120
° C Max
Preheat time: 60seconds Max
Ramp-up
2
° C/sec(max)
Ramp-Down:-5
° C/sec(max)
Solder Bath:260
° C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
PART NO.
100
Time(sec)
150
5
° /sec
max
260
°C3sec Max
Page6/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSIR21931F/S1-PF/TR1


Similar Part No. - LSIR21931F-S1-PF-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSIR2041 LIGITEK-LSIR2041 Datasheet
1Mb / 5P
   INFRARED EMITTING DIODES
LSIR2043 LIGITEK-LSIR2043 Datasheet
1Mb / 5P
   INFRARED EMITTIMG DIODES
More results

Similar Description - LSIR21931F-S1-PF-TR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com