Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1377175-3 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 2-1377175-3
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1377175-3 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  2-1377175-3 Datasheet HTML 1Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 2Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 3Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 4Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 5Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 6Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 7Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 8Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Ring Tongue Terminals – Nylon (continued)
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-5
.500
.344
.935
1.188
.230
34974
2-34974-1
12.70
8.74
23.75 30.18
5.84
1/4
.500
.344
.935
1.188
.250
323682
2-323682-1
M6
12.70
8.74
23.75 30.18
6.35
.531
.437
1.028 1.296
.250
34806
13.49 11.10 26.11 32.92
6.35
5/16
.531
.437
1.028 1.296
.250
34810
M8
13.49 11.10 26.11 32.92
6.35
3/8
.531
.437
1.028 1.296
.230
330896
13.49 11.10 26.11 32.92
5.84
.750
.625
1.216 1.594
.250
35316
1/2
19.05 15.88 30.89 40.49
6.35
M12
1.250 1.000 1.591 2.219
.250
36203
31.75 25.40 40.41 56.36
6.35
3/4
1.250 1.000 1.591 2.219
.250
322724
31.75 25.40 40.41 56.36
6.35
4
.281
.219
.810
.953
.250
35148
7.14
5.56
20.57 24.21
6.35
.281
.219
.810
.953
.230
320634
2-320634-1
7.14
5.56
20.57 24.21
5.84
.281
.219
.810
.953
.250
35149
6
7.14
5.56
20.57 24.21
6.35
M3.5
.312
.302
.893
1.052
.230
326886
7.92
7.67
22.68 26.72
5.84
.375
.302
.893
1.083
.250
2-35107-1
9.53
7.67
22.68 27.51
6.35
.312
.281
.872
1.031
.230
35787
1-35787-0
8
7.92
7.14
22.15 26.19
5.84
M4
.312
.302
.893
1.052
.230
324915
7.92
7.67
22.68 26.72
5.84
.312
.302
.893
1.052
.230
324918
1-324918-0
7.92
7.67
22.68 26.72
5.84
.343
.281
.872
1.046
.230
1-32883-0
10
8.71
7.14
22.15 26.57
5.84
.375
.302
.893
1.083
.230
36161
9.53
7.67
22.68 27.51
5.84
.500
.344
1.179 1.432
.220
329389
12.70
8.74
29.95 36.37
5.59
.500
.344
.935
1.188
.230
35273
1/4
12.70
8.74
23.75 30.18
5.84
M6
.531
.468
1.054 1.322
.230
320569
13.49 11.89 26.77 33.58
5.84
5/16
.531
.468
1.054 1.322
.250
35111
M8
13.49 11.89 26.77 33.58
6.35
.593
.531
1.115 1.414
.230
320577
2-320577-3
3/8
15.06 13.49 28.32 35.92
5.84
.593
.531
1.115 1.414
.250
35112
15.06 13.49 28.32 35.92
6.35
1/2
.750
.625
1.216 1.594
.250
35151
M12
19.05 15.88 30.89 40.49
6.35
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
E
C
W
, 16–14HD,
(1.04–2.62)
.050
1.27
12–10
(2.62–6.64)
.042
1.07
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted


Similar Part No. - 2-1377175-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1372209-1 TEC-2-1372209-1 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372209-1 TEC-2-1372209-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372269-9 TEC-2-1372269-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-5 TEC-2-1372328-5 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-6 TEC-2-1372328-6 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-1377175-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com