Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1377174-1 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part No. 9-1377174-1
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

 11 page
background image
Long Spring Spade Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-11
Slotted Ring Tongue Terminals
L
E
C
W
L
X
W
C
E
6
.250
.238
.652
.933
.276
.125
52409
52409-1
M3.5
6.35
6.05
16.56 23.70
7.01
3.18
22–16
.033
8
.281
.270
.684
.979
.290
.125
52410-1
(0.26–1.65)
0.84
M4
7.14
6.86
17.37 24.87
7.37
3.18
10
.343
.283
.697
1.005
.303
.125
52411-1
8.71
7.19
17.70 25.53
7.70
3.18
.250
.238
.652
.933
.276
.150
52420
6
6.35
6.05
16.56 23.70
7.01
3.81
M3.5
.250
.238
.652
.933
.276
.170
- 52420-1
52420-3
6.35
6.05
16.56 23.70
7.01
4.32
16–14
.033
8
.281
.270
.684
.979
.290
.150
52421
(1.04–2.62)
0.84
M4
7.14
6.86
17.37 24.87
7.37
3.81
10
.343
.283
.697
1.005
.303
.170
- 52422-1
8.71
7.19
17.70 25.53
7.70
4.32
1/4
.437
.345
.759
1.102
.338
.150
52423
M6
11.10
8.76
19.28 27.99
8.59
3.81
8
.375
.273
.874
1.174
.295
.250
- 52431-1
M4
9.53
6.93
22.20 29.82
7.49
6.35
12–10
.042
10
.375
.305
.906
1.219
.308
.250
- 52432-1
(2.62–6.64)
1.07
9.53
7.75
23.01 30.96
7.82
6.35
1/4
.437
.345
.946
1.289
.338
.250
- 52433-1
M6
11.10
8.76
24.03 32.74
8.59
6.35
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
26–22
.020
6
.250
.281
.612
.719
.082
323011
2-323011-2
(0.10–0.41)
0.51
M3.5
6.35
7.14
15.54 18.26
2.08
22–16
.033
8
.281
.250
.654
.770
.140
36954
(0.26–1.65)
0.84
M4
7.14
6.35
16.61 19.56
3.56
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Phosphor Bronze per ASTM B-139
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl