Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C32C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # W78C32C
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78C32C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button W78C32C Datasheet HTML 5Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 6Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 7Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 8Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 9Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 10Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 11Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 12Page - List of Unclassifed Manufacturers W78C32C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
W78C32C/W78C032C
Publication Release Date: December 4, 2006
- 9 -
Revision A6
DC Characteristics, continued
PARAMETER
SYM.
TEST CONDITIONS
SPECIFICATION
UNIT
MIN.
TYP.
MAX.
Input Low Voltage
XTAL1, RST
(*3)
VIL2
VDD = 4.5V
0
-
0.8
V
Input High Voltage
P1, P3
VIH1
VDD = 5.5V
2.4
-
VDD
+0.2
V
Input High Voltage
XTAL1, RST
(*3)
VIH2
VDD = 5.5V
3.5
-
VDD
+0.2
V
Notes:
1. P0 and P2 are in external access mode.
2. RST pin has an internal pull-down resistor of about 30K
Ω.
3. XTAL1 is a CMOS input and RST is a Schmitt trigger input.
6.3
A.C. Characteristics
The AC specifications are a function of the particular process used to manufacture the part, the ratings
of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the specifications
can be expressed in terms of multiple input clock periods (TCP), and actual parts will usually
experience less than a
±20 nS variation. The numbers below represent the performance expected
from a 0.5 micron CMOS process when using 2 and 4 mA output buffers.
6.3.1
Clock Input Waveform
T
T
XTAL1
F
CH
CL
OP, TCP
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Operating Speed
FOP
0
-
40
MHz
1
Clock Period
TCP
25
-
-
nS
2
Clock High
TCH
10
-
-
nS
3
Clock Low
TCL
10
-
-
nS
3
Notes:
1. The clock may be stopped indefinitely in either state.
2. The TCP specification is used as a reference in other specifications.
3. There are no duty cycle requirements on the XTAL1 input.


Similar Part No. - W78C32C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C32C WINBOND-W78C32C Datasheet
155Kb / 14P
   8-BIT MICROCONTROLLER
W78C32C WINBOND-W78C32C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C32C NUVOTON-W78C32C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C32C-24 WINBOND-W78C32C-24 Datasheet
155Kb / 14P
   8-BIT MICROCONTROLLER
W78C32C-40 WINBOND-W78C32C-40 Datasheet
155Kb / 14P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C32C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com