Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37M602 Datasheet(PDF) 10 Page - SMSC Corporation

Part # 37M602
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37M602 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button 37M602 Datasheet HTML 6Page - SMSC Corporation 37M602 Datasheet HTML 7Page - SMSC Corporation 37M602 Datasheet HTML 8Page - SMSC Corporation 37M602 Datasheet HTML 9Page - SMSC Corporation 37M602 Datasheet HTML 10Page - SMSC Corporation 37M602 Datasheet HTML 11Page - SMSC Corporation 37M602 Datasheet HTML 12Page - SMSC Corporation 37M602 Datasheet HTML 13Page - SMSC Corporation 37M602 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
10
FIGURE 1 - FDC37M60x BLOCK DIAGRAM
nDSR1, nDCD1, nRI1, nDTR1
TXD1, nCTS1, nRTS1
nINIT, nALF
MULTI-MODE
PARALLEL
PORT/FDC
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
CONFIGURATION
REGISTERS
HOST
CPU
INTERFACE
CONTROL BUS
ADDRESS BUS
DATA BUS
nIOR
nIOW
AEN
SA[0:11] (nCS)*
SD[O:7]
DRQ[1:3]
nDACK[1:3]*
RESET_DRV
CLOCK
GEN
ICLOCK
(14.318)
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0,1
nMTR0,1
RDATA
RCLOCK
WDATA
WCLOCK
nWDATA nRDATA
TXD2(IRTX), nCTS2, nRTS2
*
RXD2(IRRX)
*
nDSR2, nDCD2, nRI2, nDTR2
*
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR, nACK
nSTB, nSLCTIN,
TC
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
IOCHRDY
IRRX, IRTX
*
DRVDEN0
DRVDEN1
*
SERIAL
IRQ
SER_IRQ
PCI_CLK
SA[12-15]*
8042
KCLK
KDATA
MCLK
MDATA
GATEA20, KRESET
P12, P16 *
*
Vcc
Vss
*Denotes Multifunction Pins
*
*
*
*
*


Similar Description - 37M602

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com