Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1394 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1394
Description  5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1394 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1394 Datasheet HTML 1Page - NTE Electronics NTE1394 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1394
5.5W Dual Power Amplifier
Car Radio, Car Stereo Output
Audio Power Amplifier
Features:
D Dual Mode or Bridge Connection Mode Type.
D Some Protection Circuits Included
D Thermal Protection, Over Voltage Protection, Current Limitter, BTL DC Short Protection.
D Wide Operating Voltage Range: VCC(opr) = 8V to 18V
D A chassis mounting is easily designed using SIP (Single in Line Package) 12 Pins
D This Power IC Obtains High Output Power by Bridge Connection: POUT = 17W (Typ)
at VCC = 13.2V, RL = 4Ω, THD = 10%
D Dual Mode: Minimum Load Impedance is 2 ohm
BTL Mode: Minimum Load Impedance is 4 ohm
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Peak Supply Voltage, VCC surge
45V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Supply Voltage (30 sec), VCCDC
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Supply Voltage, VCCopr
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current (Peak), IO(peak)
4.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–30
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCQ
85
200
mA
Output Power
Dual
POUT
THD = 10%
4.5
5.5
W
THD = 10%, RL = 2Ω
8
W
BTL
THD = 10%
14
17
W
Maximum Output Power
Dual
POM
VIN = 100mVrms
9
W
BTL
30
E


Similar Part No. - NTE1394

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1391 NTE-NTE1391 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1393 NTE-NTE1393 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
More results

Similar Description - NTE1394

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
NTE Electronics
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com