Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850IP Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16C2850IP
Description  DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850IP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16C2850IP Datasheet HTML 5Page - Exar Corporation XR16C2850IP Datasheet HTML 6Page - Exar Corporation XR16C2850IP Datasheet HTML 7Page - Exar Corporation XR16C2850IP Datasheet HTML 8Page - Exar Corporation XR16C2850IP Datasheet HTML 9Page - Exar Corporation XR16C2850IP Datasheet HTML 10Page - Exar Corporation XR16C2850IP Datasheet HTML 11Page - Exar Corporation XR16C2850IP Datasheet HTML 12Page - Exar Corporation XR16C2850IP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
XR16C2850
9
Rev. 1.00P
Table 3, INTERNAL REGISTER DECODE
A2
A1
A0
READ MODE
WRITE MODE
General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR):
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
1
0
0
Modem Control Register
1
0
1
Line Status Register
1
1
0
Modem Status Register
1
1
1
Scratchpad Register
Scratchpad Register
Baud Rate Register Set (DLL/DLM): Note *3
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Enhanced Register Set (EFR, Xon/off 1-2): Note *4
0
0
0
FIFO Trigger Register
FIFO trigger counter
0
0
1
Feature Control Register
0
1
0
Enhanced Feature Register
Enhanced Feature Register
1
0
0
Xon-1 Word
Xon-1 Word
1
0
1
Xon-2 Word
Xon-2 Word
1
1
0
Xoff-1 Word
Xoff-1 Word
1
1
1
Xoff-2 Word
Xoff-2 Word
1
1
1
Enhanced Mode Select Register
Note *3: These registers are accessible only when LCR bit-7 is set to a logic 1.
Note *4: Enhanced Feature Register, Xon 1,2 and Xoff 1,2 are accessible only when the LCR is set to “BF” (HEX).


Similar Part No. - XR16C2850IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850IP40 EXAR-XR16C2850IP40 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2850IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com