Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850IP Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16C2850IP
Description  DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850IP Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16C2850IP Datasheet HTML 2Page - Exar Corporation XR16C2850IP Datasheet HTML 3Page - Exar Corporation XR16C2850IP Datasheet HTML 4Page - Exar Corporation XR16C2850IP Datasheet HTML 5Page - Exar Corporation XR16C2850IP Datasheet HTML 6Page - Exar Corporation XR16C2850IP Datasheet HTML 7Page - Exar Corporation XR16C2850IP Datasheet HTML 8Page - Exar Corporation XR16C2850IP Datasheet HTML 9Page - Exar Corporation XR16C2850IP Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
XR16C2850
6
Rev. 1.00P
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type
XTAL1
16
18
13
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit. This configuration requires an external 1 MW resis-
tor between the XTAL1 and XTAL2 pins. Alternatively, an
external clock can be connected to this pin to provide
custom data rates (see Baud Rate Generator Program-
ming).
XTAL2
17
19
14
O
Output of the Crystal Oscillator or Buffered Clock - (see also
XTAL1). Crystal oscillator output or buffered clock output.
Should be left open if an external clock is connected to
XTAL1.
-CD A-B
38,19 42,21 40,16
I
Carrier Detect (active low) - These inputs are associated
with individual UART channels A through B. A logic 0 on this
pin indicates that a carrier has been detected by the modem
for that channel.
-CTS A-B
36,25 40,28 38,23
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through B. A logic 0 on the -
CTS pin indicates the modem or data set is ready to accept
transmit data from the 2850. Status can be tested by reading
MSR bit-4. This pin has no effect on the UART’s transmit or
receive operation.
-DSR A-B
37,22 41,25 39,20
I
Data Set Ready (active low) - These inputs are associated
with individual UART channels, A through B. A logic 0 on
this pin indicates the modem or data set is powered-on and
is ready for data exchange with the UART. This pin has no
effect on the UART’s transmit or receive operation.
-DTR A-B
33,34 37,38 34,35
O
Data Terminal Ready (active low) - These outputs are
associated with individual UART channels, A through B. A
logic 0 on this pin indicates that the 2850 is powered-on and
ready. This pin can be controlled via the modem control
register. Writing a logic 1 to MCR bit-0 will set the -DTR
output to logic 0, enabling the modem. This pin will be a logic
1 after writing a logic 0 to MCR bit-0, or after a reset. This


Similar Part No. - XR16C2850IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850IP40 EXAR-XR16C2850IP40 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2850IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com