Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ40XIGX Datasheet(PDF) 10 Page - ELM Technology Corporation

Part # GD25LQ40XIGX
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

GD25LQ40XIGX Datasheet(HTML) 10 Page - ELM Technology Corporation

Back Button GD25LQ40XIGX Datasheet HTML 6Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 7Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 8Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 9Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 10Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 11Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 12Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 13Page - ELM Technology Corporation GD25LQ40XIGX Datasheet HTML 14Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
Rev.1.0
59 -
http://www.elm-tech.com
GD25LQ40xIGx 1.8V Uniform Sector Dual and Quad Serial Flash
6. STATUS REGISTER
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit sets to 1, means the device is busy in program/erase/write status register progress, when
WIP bit sets 0, means the device is not in program/erase/write status register progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status
Register, Program or Erase command is accepted.
BP4, BP3, BP2, BP1, BP0 bits.
The Block Protect (BP4, BP3, BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase commands. These bits are written with the Write Status Register
(WRSR) command. When the Block Protect (BP4, BP3, BP2, BP1, BP0) bits are set to 1, the relevant memory
area (as defined in Table1). becomes protected against Page Program (PP), Sector Erase (SE) and Block
Erase (BE) commands. The Block Protect (BP4, BP3, BP2, BP1 and BP0) bits can be written provided that
the Hardware Protected mode has not been set. The Chip Erase (CE) command is executed, only if the Block
Protect (BP4, BP3, BP2, BP1 and BP0) are set to “None protected”.
SRP1, SRP0 bits.
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-
down or one time programmable protection.
S15
S14
S13
S12
S11
S10
S9
S8
SUS1
CMP
LB3
LB2
LB1
SUS2
QE
SRP1
S7
S6
S5
S4
S3
S2
S1
S0
SRP0
BP4
BP3
BP2
BP1
BP0
WEL
WIP
SRP1 SRP0 #WP
Status Register
Description
0
0
×
Software Protected The Status Register can be written to after a Write Enable
command, WEL=1.(Default)
0
1
0
Hardware Protected WP# = 0, the Status Register locked and can not be written to.
0
1
1
Hardware Unprotected WP# = 1, the Status Register is unlocked and can be written to
after a Write Enable command, WEL=1.
1
0
×
Power Supply
Lock-Down(1)
Status Register is protected and can not be written to again until
the next Power-Down, Power-Up cycle.
1
1
×
One Time Program(1) Status Register is permanently protected and can not be written to.
NOTE: (1). When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.


Similar Part No. - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ40 ELM-GD25LQ40 Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
4Mb / 28P
   MCU
GD25LQ40C GIGADEVICE-GD25LQ40C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEEG GIGADEVICE-GD25LQ40CEEG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ40CEFG GIGADEVICE-GD25LQ40CEFG Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ40XIGX

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com