Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM824 Datasheet(PDF) 10 Page - ELM Technology Corporation

Part # ELM824
Description  3.0關A Very low power CMOS dual operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM824 Datasheet(HTML) 10 Page - ELM Technology Corporation

Back Button ELM824 Datasheet HTML 2Page - ELM Technology Corporation ELM824 Datasheet HTML 3Page - ELM Technology Corporation ELM824 Datasheet HTML 4Page - ELM Technology Corporation ELM824 Datasheet HTML 5Page - ELM Technology Corporation ELM824 Datasheet HTML 6Page - ELM Technology Corporation ELM824 Datasheet HTML 7Page - ELM Technology Corporation ELM824 Datasheet HTML 8Page - ELM Technology Corporation ELM824 Datasheet HTML 9Page - ELM Technology Corporation ELM824 Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
10 -
Rev.1.1
http://www.elm-tech.com
1
10
100
1000 10000 100000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25�
Minimum Vout-RL [Vdd=1.2V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
0.5
1.0
1.5
2.0
Top=+25�
Minimum Vout-RL [Vdd=1.5V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Top=+25�
Minimum Vout-RL [Vdd=3.0V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Top=+25�
Minimum Vout-RL [Vdd=6.0V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
0.0
0.5
1.0
1.5
Vin
Pulse Response [Vdd=1.5V]
Time (�s)
Vout
Unity Gain, 100k���load, Top=25�
0
200
400
600
800
1000
0.0
1.0
2.0
3.0
0.0
1.0
2.0
3.0
Vin
Pulse Response [Vdd=3.0V]
Time (�s)
Vout
Unity Gain, 100k���load, Top=25�
1
10
100
1000 10000 100000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25�
Minimum Vout-RL [Vdd=1.2V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
0.5
1.0
1.5
2.0
Top=+25�
Minimum Vout-RL [Vdd=1.5V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Top=+25�
Minimum Vout-RL [Vdd=3.0V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
1
10
100
1000 10000 100000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Top=+25�
Minimum Vout-RL [Vdd=6.0V]
RL (��
Top=-40�
RL is connected between Vdd and Vout.
Top=+85�
Vid=100mV
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
0.0
0.5
1.0
1.5
Vin
Pulse Response [Vdd=1.5V]
Time (�s)
Vout
Unity Gain, 100k���load, Top=25�
0
200
400
600
800
1000
0.0
1.0
2.0
3.0
0.0
1.0
2.0
3.0
Vin
Pulse Response [Vdd=3.0V]
Time (�s)
Vout
Unity Gain, 100k���load, Top=25�
ELM824xA 3.0μA Very low power CMOS dual operational amplifier


Similar Part No. - ELM824

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
logo
ELM Electronics
ELM822-SERIES ELM-ELM822-SERIES Datasheet
908Kb / 9P
   1.5關A CMOS operational amplifier
More results

Similar Description - ELM824

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
ELM834 ELM-TECH-ELM834 Datasheet
1Mb / 10P
   40關A Low power CMOS dual operational amplifier
ELM854 ELM-TECH-ELM854 Datasheet
1Mb / 10P
   300關A Low power CMOS dual operational amplifier
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
   150關A Low power CMOS operational amplifier
ELM844 ELM-TECH-ELM844 Datasheet
1Mb / 10P
   280關A Low power class-A output CMOS dual operational amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
   PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
logo
ELM Technology Corporat...
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com