Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM612DA Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM612DA
Description  3A 36V PWM step down DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM612DA Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM612DA_17 Datasheet HTML 1Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 2Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 3Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 4Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 5Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 6Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 7Page - ELM Technology Corporation ELM612DA_17 Datasheet HTML 8Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
8 -
Rev.1.2
http://www.elm-tech.com
Parameter
Symbol
Limit
Unit
VIN power supply voltage
Vin
-0.3 to +40
V
Apply voltage to FB
Vfb
GND-0.3 to Vin
V
Apply voltage to EN
Ven
GND-0.3 to Vin+0.3
V
Apply voltage to SW
Vsw
GND-0.3 to Vin+0.3
V
Apply voltage to VC
Vc
Vin-20 to Vin+0.3
V
Power dissipation
Pd
300
mW
Operating temperature range
Top
-40 to +85
°C
Storage temperature range
Tstg
-65 to +150
°C
ELM612DA 3A 36V PWM step down DC/DC converter
■General description
■Features
■Maximum absolute ratings
• PC motherboard
• LCD monitor
• Graphic card
• DVD, Blu-ray player
• Telecom equipment
• ADSL modem
• Printer and other peripheral equipment
• Microcomputer power supply
• Network power supply
■Application
• Input voltage
: 5.5V to 36V
• Output voltage
: 0.8V to Vin
• Output current
: 3.0A
• Duty ratio
: 0% to 100%
• Constant frequency
: Typ.150kHz
• Soft-start
• Thermal shutdown protection
• Short circuit protection
• Built-in internal P-channel MOS
• Package
: SOP-8
ELM612DA is a of step-down switching regulator with PWM control, reference voltage source, oscillation
circuit, error amplifier, internal PMOS, etc. ELM612DA provides low-ripple power, high efficiency, and
excellent transient characteristics; PWM control circuit is able to vary the duty ratio linearly from 0 up to 100%.
ELM612DA also contains error amplifier circuit as well as soft-start circuit that prevents overshoot at during
startup. Internal enable function, over current protect function and short circuit protect function will reduce the
operation frequency from 150kHz to 30kHz when overmuch current or short circuit occurs. Meanwhile, internal
compensation block is able to minimize the quantity of required external component. With internal P-channel
Power MOS, and externally connected coil, capacitor, and diode, ELM612DA is able to function as step-
down switching regulator. By the small package of SOP-8, ELM612DA is capable of working as ideal power
supply units for many devices while providing outstanding features such as low current consumption. Since this
converter accommodates input voltage up to 36V, ELM612DA is also suitable for AC adapter applications.
Caution: Permanent damage to the device may occur when ratings above maximum absolute ones are used.


Similar Part No. - ELM612DA_17

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
More results

Similar Description - ELM612DA_17

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM610DA ELM-ELM610DA Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
logo
GTM CORPORATION
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
   150 KHz, 3A PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com